Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2596TVADJG Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM2596TVADJG
Description  3.0 A, Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2596TVADJG Datasheet(HTML) 4 Page - ON Semiconductor

  LM2596TVADJG Datasheet HTML 1Page - ON Semiconductor LM2596TVADJG Datasheet HTML 2Page - ON Semiconductor LM2596TVADJG Datasheet HTML 3Page - ON Semiconductor LM2596TVADJG Datasheet HTML 4Page - ON Semiconductor LM2596TVADJG Datasheet HTML 5Page - ON Semiconductor LM2596TVADJG Datasheet HTML 6Page - ON Semiconductor LM2596TVADJG Datasheet HTML 7Page - ON Semiconductor LM2596TVADJG Datasheet HTML 8Page - ON Semiconductor LM2596TVADJG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM2596
http://onsemi.com
4
SYSTEM PARAMETERS
ELECTRICAL CHARACTERISTICS Specifications with standard type face are for TJ = 25°C, and those with boldface type apply
over full Operating Temperature Range −40°C to +125°C
Characteristics
Symbol
Min
Typ
Max
Unit
LM2596 (Note 1, Test Circuit Figure 15)
Feedback Voltage (Vin = 12 V, ILoad = 0.5 A, Vout = 5.0 V, )
VFB_nom
1.23
V
Feedback Voltage (8.5 V ≤ Vin ≤ 40 V, 0.5 A ≤ ILoad ≤ 3.0 A, Vout = 5.0 V)
VFB
1.193
1.18
1.267
1.28
V
Efficiency (Vin = 12 V, ILoad = 3.0 A, Vout = 5.0 V)
η
73
%
Characteristics
Symbol
Min
Typ
Max
Unit
Feedback Bias Current (Vout = 5.0 V)
Ib
25
100
200
nA
Oscillator Frequency (Note 2)
fosc
135
120
150
165
180
kHz
Saturation Voltage (Iout = 3.0 A, Notes 3 and 4)
Vsat
1.5
1.8
2.0
V
Max Duty Cycle “ON” (Note 4)
DC
95
%
Current Limit (Peak Current, Notes 2 and 3)
ICL
4.2
3.5
5.6
6.9
7.5
A
Output Leakage Current (Notes 5 and 6)
Output = 0 V
Output = −1.0 V
IL
0.5
6.0
2.0
20
mA
Quiescent Current (Note 5)
IQ
5.0
10
mA
Standby Quiescent Current (ON/OFF Pin = 5.0 V (“OFF”))
(Note 6)
Istby
80
200
250
mA
ON/OFF PIN LOGIC INPUT
Threshold Voltage
1.6
V
Vout = 0 V (Regulator OFF)
VIH
2.2
2.4
V
Vout = Nominal Output Voltage (Regulator ON)
VIL
1.0
0.8
V
ON/OFF Pin Input Current
ON/OFF Pin = 5.0 V (Regulator OFF)
IIH
15
30
mA
ON/OFF Pin = 0 V (regulator ON)
IIL
0.01
5.0
mA
1. External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2596 is used as shown in the Figure 15 test circuit, system performance will be as shown in system parameters section.
2. The oscillator frequency reduces to approximately 30 kHz in the event of an output short or an overload which causes the regulated output
voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average dissipation of the IC by
lowering the minimum duty cycle from 5% down to approximately 2%.
3. No diode, inductor or capacitor connected to output (Pin 2) sourcing the current.
4. Feedback (Pin 4) removed from output and connected to 0 V.
5. Feedback (Pin 4) removed from output and connected to +12 V to force the output transistor “off”.
6. Vin = 40 V.


Similar Part No. - LM2596TVADJG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2596TVADJG ONSEMI-LM2596TVADJG Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
More results

Similar Description - LM2596TVADJG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
   2.5 A step-down switching regulator
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
   3 A step-down switching regulator
logo
ON Semiconductor
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
STMicroelectronics
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
   3 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com