Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2594PADJG Datasheet(PDF) 11 Page - ON Semiconductor

Part # LM2594PADJG
Description  0.5 A, Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2594PADJG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LM2594PADJG Datasheet HTML 7Page - ON Semiconductor LM2594PADJG Datasheet HTML 8Page - ON Semiconductor LM2594PADJG Datasheet HTML 9Page - ON Semiconductor LM2594PADJG Datasheet HTML 10Page - ON Semiconductor LM2594PADJG Datasheet HTML 11Page - ON Semiconductor LM2594PADJG Datasheet HTML 12Page - ON Semiconductor LM2594PADJG Datasheet HTML 13Page - ON Semiconductor LM2594PADJG Datasheet HTML 14Page - ON Semiconductor LM2594PADJG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM2594
http://onsemi.com
11
LM2594 Series Buck Regulator Design Procedures (continued)
Table 1. RECOMMENDED VALUES OF THE OUTPUT CAPACITOR AND FEEDFORWARD CAPACITOR
(Iload = 0.5 A)
Nichicon Pm Capacitors
Vin (V)
Capacity/Voltage Range / ESR[mF/V/mW]
40
1000/10/
60
680/250
470/10/
140
470/10/
140
330/10/
160
220/25/
110
220/110
180/25/
140
180/35/
100
35
1000/10/
60
680/150
470/10/
140
330/10/
160
180/25/
140
180/25/
140
180/25/
140
180/25/
140
180/35/
100
26
1000/10/
60
470/10/
140
330/10/
160
220/25/
110
180/25/
140
180/25/
140
100/25/
240
180/25/
140
20
1000/10/
60
470/10/
140
220/25/
110
220/25/
110
100/25/
240
100/25/
240
100/25/
240
18
1000/10/
60
470/10/
140
220/25/
110
220/25/
110
100/25/
240
100/25/
240
100/25/
240
12
470/10/
140
470/10/
140
220/25/
110
180/25/
140
100/25/
240
10
470/10/
140
470/10/
140
220/25/
110
180/25/
140
Vout (V)
2
3
4
6
9
12
15
24
28
CFF (nF)
15
4.7
1.5
1.5
1.5
1.5
1
0.6
0.6
Figure 19. Inductor Value Selection Guides (For Continuous Mode Operation)
Maximum load current (A)
0.1
0.2
0.3
0.4
0.5


Similar Part No. - LM2594PADJG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594 TI1-LM2594 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2594 UMW-LM2594 Datasheet
573Kb / 13P
   IC REG BUCK 12V 1.5A 8SOP
logo
Texas Instruments
LM2594HV TI1-LM2594HV Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
More results

Similar Description - LM2594PADJG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
logo
Texas Instruments
LM5574-Q1 TI1-LM5574-Q1 Datasheet
1,018Kb / 33P
[Old version datasheet]   Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
STMicroelectronics
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
   2.5 A step-down switching regulator
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
   3 A step-down switching regulator
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
   3 A step-down switching regulator
L7980 STMICROELECTRONICS-L7980 Datasheet
1Mb / 44P
   2 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com