Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG220034-A Datasheet(PDF) 1 Page - NEC

Part # NESG220034-A
Description  NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NESG220034-A Datasheet(HTML) 1 Page - NEC

  NESG220034-A Datasheet HTML 1Page - NEC NESG220034-A Datasheet HTML 2Page - NEC NESG220034-A Datasheet HTML 3Page - NEC NESG220034-A Datasheet HTML 4Page - NEC NESG220034-A Datasheet HTML 5Page - NEC NESG220034-A Datasheet HTML 6Page - NEC NESG220034-A Datasheet HTML 7Page - NEC NESG220034-A Datasheet HTML 8Page - NEC NESG220034-A Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2009
FEATURES
• The device is an ideal choice for low noise, low distortion amplification.
NF = 0.7 dB TYP. @ VCE = 5 V, IC = 10 mA, f = 1 GHz
• PO (1 dB) = 22.5 dBm TYP. @ VCE = 5 V, IC (set) = 40 mA, f = 1 GHz
• OIP3 = 35 dBm TYP. @ VCE = 5 V, IC (set) = 40 mA, f = 1 GHz
• Maximum stable power gain: MSG =12.5 dB TYP. @ VCE = 5 V, IC = 40 mA, f = 1 GHz
• SiGe HBT technology (UHS2) : fT = 11.5 GHz
• This product is improvement of ESD of NESG2xxx series.
• 3-pin power minimold (34 PKG)
ORDERING INFORMATION
Part Number
Order Number
Package
Quantity
Supplying Form
NESG220034
NESG220034-A
3-pin power minimold
(34 PKG) (Pb-Free)
25 pcs
(Non reel)
• Magazine case
NESG220034-T1
NESG220034-T1-A
1 kpcs/reel
• 12 mm wide embossed taping
• Pin 2 (Collector) face the perforation side of the
tape
Remark To order evaluation samples, please contact your nearby sales office.
Unit sample quantity is 25 pcs.
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
NPN SILICON GERMANIUM RF TRANSISTOR
NESG220034
NPN SiGe RF TRANSISTOR FOR
UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION
3-PIN POWER MINIMOLD (34 PKG)
Document No. PU10767EJ02V0DS (2nd edition)
Date Published November 2009 NS
Printed in Japan


Similar Part No. - NESG220034-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG220034-A RENESAS-NESG220034-A Datasheet
137Kb / 2P
   RF & Microwave device
More results

Similar Description - NESG220034-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG240034 RENESAS-NESG240034 Datasheet
221Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG220034 RENESAS-NESG220034 Datasheet
226Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
logo
NEC
NESG240034 NEC-NESG240034 Datasheet
91Kb / 9P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG210833 NEC-NESG210833 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG220033 NEC-NESG220033 Datasheet
95Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240033 NEC-NESG240033 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
logo
Renesas Technology Corp
NESG220033 RENESAS-NESG220033 Datasheet
224Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG210833 RENESAS-NESG210833 Datasheet
232Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240033 RENESAS-NESG240033 Datasheet
232Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
logo
California Eastern Labs
NESG270034 CEL-NESG270034 Datasheet
349Kb / 11P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com