Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG220034-T1 Datasheet(PDF) 3 Page - NEC

Part # NESG220034-T1
Description  NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NESG220034-T1 Datasheet(HTML) 3 Page - NEC

  NESG220034-T1 Datasheet HTML 1Page - NEC NESG220034-T1 Datasheet HTML 2Page - NEC NESG220034-T1 Datasheet HTML 3Page - NEC NESG220034-T1 Datasheet HTML 4Page - NEC NESG220034-T1 Datasheet HTML 5Page - NEC NESG220034-T1 Datasheet HTML 6Page - NEC NESG220034-T1 Datasheet HTML 7Page - NEC NESG220034-T1 Datasheet HTML 8Page - NEC NESG220034-T1 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0 mA
100
nA
Emitter Cut-off Current
IEBO
VEB = 0.4 V, IC = 0 mA
100
nA
DC Current Gain
hFE
Note 1
VCE = 5 V, IC = 10 mA
140
180
260
RF Characteristics
Gain Bandwidth Product
fT
VCE = 5 V, IC = 40 mA, f = 1 GHz
11.5
GHz
Insertion Power Gain
⏐S21e2 VCE = 5 V, IC = 40 mA, f = 1 GHz
9.5
11.5
dB
Noise Figure (1)
NF1
VCE = 5 V, IC = 10 mA, f = 1 GHz,
ZS = ZSopt, ZL = 50
Ω
0.7
1.1
dB
Noise Figure (2)
NF2
VCE = 5 V, IC = 40 mA, f = 1 GHz,
ZS = ZSopt, ZL = ZLopt
0.9
dB
Associated Gain (1)
Ga1
VCE = 5 V, IC = 10 mA, f = 1 GHz,
ZS = ZSopt, ZL = 50
Ω
8.5
10.5
dB
Associated Gain (2)
Ga2
VCE = 5 V, IC = 40 mA, f = 1 GHz,
ZS = ZSopt, ZL = ZLopt
12.0
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 5 V, IE = 0 mA, f = 1 MHz
0.9
1.1
pF
Maximum Stable Power Gain
MSG
Note 3
VCE = 5 V, IC = 40 mA, f = 1 GHz
11.0
12.5
dB
Gain 1 dB Compression Output
Power
PO (1 dB)
VCE = 5 V, IC (set) = 40 mA, f = 1 GHz,
ZS = ZSopt, ZL = ZLopt
22.5
dBm
Output 3rd Order Intercept Point
OIP3
VCE = 5 V, IC (set) = 40 mA, f = 1 GHz,
Δf = 1 MHz, ZS = ZSopt, ZL = ZLopt
35
dBm
Notes 1. Pulse measurement: PW
≤ 350
μs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded.
3. MSG =
hFE CLASSIFICATION
Rank
FB
Marking
SS
hFE Value
140 to 260
S21
S12
Data Sheet PU10767EJ02V0DS
3
NESG220034


Similar Part No. - NESG220034-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG220034-T1 RENESAS-NESG220034-T1 Datasheet
226Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
More results

Similar Description - NESG220034-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG240034 RENESAS-NESG240034 Datasheet
221Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG220034 RENESAS-NESG220034 Datasheet
226Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
logo
NEC
NESG240034 NEC-NESG240034 Datasheet
91Kb / 9P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG210833 NEC-NESG210833 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG220033 NEC-NESG220033 Datasheet
95Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240033 NEC-NESG240033 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
logo
Renesas Technology Corp
NESG220033 RENESAS-NESG220033 Datasheet
224Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG210833 RENESAS-NESG210833 Datasheet
232Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240033 RENESAS-NESG240033 Datasheet
232Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
logo
California Eastern Labs
NESG270034 CEL-NESG270034 Datasheet
349Kb / 11P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com