Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

270404B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 270404B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

270404B Datasheet(HTML) 4 Page - Integrated Technology Future

  270404B Datasheet HTML 1Page - Integrated Technology Future 270404B Datasheet HTML 2Page - Integrated Technology Future 270404B Datasheet HTML 3Page - Integrated Technology Future 270404B Datasheet HTML 4Page - Integrated Technology Future 270404B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 270404B
Part No.
270404B
Rev. Date
2008-08-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM8031-CS01
4/5
6. Typical Performance ( at +25°
°°°C )
CH1 S21
LOG
1 dB/
REF -22.28 dB
Cor
CH2 S21
DEL
200 ns/
REF 3.79 us
CENTER 70. 000 000 MHz
SPAN
4. 500 000 MHz
Cor
Smo
26 Jun 2008 21:07:07
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
4. 213724 MHz
cent :
70. 001636 MHz
Q: 16. 613
1_loss : -22 . 542 dB
2
3
3: 17. 293 ns
3. 600 000 MHz
REF=2
CH2 Markers
mean: 3. 8542 us
s. dev : 21. 488 ns
p-p : 102. 40 ns
CH1 S21
LOG
10 dB/
REF -22.49 dB
CENTER 70. 000 000 MHz
SPAN 13. 000 000 MHz
*
Cor
Hld
26 Jun 2008 21:05:31
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
5. 141689 MHz
cent :
69. 993883 MHz
Q: 13. 613
1_loss : -22 . 565 dB


Similar Part No. - 270404B

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2704045 PHOENIX-2704045 Datasheet
63Kb / 4P
   Termination board, with FO connection and external power supply
More results

Similar Description - 270404B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com