Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

260951B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 260951B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

260951B Datasheet(HTML) 5 Page - Integrated Technology Future

  260951B Datasheet HTML 1Page - Integrated Technology Future 260951B Datasheet HTML 2Page - Integrated Technology Future 260951B Datasheet HTML 3Page - Integrated Technology Future 260951B Datasheet HTML 4Page - Integrated Technology Future 260951B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 260951B
Part No.
260951B
Rev. Date
2008-01-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM8002-CS01
5/5
CH1
S21
LOG
1 dB/
REF -25.12 dB
Cor
CH2
S21
DEL
100 ns/
REF 2.65 us
CENTER 260 . 000 000 MHz
SPAN
11. 000 000 MHz
Cor
Smo
29 Jan 2008 11:25:07
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
9. 527512
MHz
cent : 260 . 000513
MHz
Q: 27. 289
1_loss : -25 . 391 dB
2
3
3: -22 . 800 ns
8. 750 000 MHz
REF=2
CH2 Markers
mean: 2. 6849 us
s. dev : 9. 6538 ns
p-p : 50. 631 ns
CH1
S11
1 U FS
Cor
CH2
S22
1 U FS
CENTER 260 . 000 000 MHz
SPAN
28. 000 000 MHz
Cor
29 Jan 2008 11:27:02
1
1: 10. 614
18. 872
11. 552 nH
260 . 000 000 MHz
2
2: 29. 986
18. 026
11. 035 nH
260 . 000 000 MHz
CH1
S21
LOG
10 dB/
REF -26.09 dB
START
. 010 000 MHz
STOP 850 . 000 000 MHz
29 Jan 2008 11:44:26
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -58 . 481 dB
260 . 000 MHz
3: -54 . 331 dB
520 . 000 MHz
CH1 S11
SWR
1 /
REF 5.408
CENTER 260 . 000 000 MHz
SPAN 28. 000 000 MHz
Cor
CH2 S22
SWR
1 /
REF 1.979
Cor
29 Jan 2008 11:26:50
1
1: 5. 4121
260 . 000 000 MHz
2
2: 1. 9789
260 . 000 000 MHz


Similar Part No. - 260951B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
260954B ITF-260954B Datasheet
179Kb / 2P
   305.0 MHz SAW Filter
260955B ITF-260955B Datasheet
171Kb / 2P
   375.0 MHz SAW Filter
260956B ITF-260956B Datasheet
171Kb / 2P
   470.0 MHz SAW Filter
260957B ITF-260957B Datasheet
172Kb / 2P
   292.0 MHz SAW Filter
260958B ITF-260958B Datasheet
167Kb / 2P
   197.0 MHz SAW Filter
More results

Similar Description - 260951B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com