Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3VD235700YL Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # 3VD235700YL
Description  HIGH VOLTAGE MOSFET CHIPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

3VD235700YL Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  3VD235700YL Datasheet HTML 1Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3VD235700YL
3VD235700YL HIGH VOLTAGE MOSFET CHIPS
DESCRIPTION
3VD235700YL is a High voltage N-Channel
enhancement mode power MOS-FET chip fabricated in
advanced silicon epitaxial planar technology.
Advanced termination scheme to provide enhanced
voltage-blocking capability.
Avalanche Energy Specified
Source-to-Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
The chips may packaged in TO-251 type and the typical
equivalent product is 2N70.
The packaged product is widely used in AC-DC power
suppliers, DC-DC converters and H-bridge PWM motor
drivers.
Die size: 2.72mm*2.06mm.
Chip Thickness: 300±20
μm.
Top metal: Al, Backside Metal: Ag.
CHIP TOPOGRAPHY
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
700
V
Gate-Source Voltage
VGS
±30
V
Drain Current
ID
2.0
A
Power Dissipation (TO-251 Package)
PD
44
W
Operation Junction Temperature
TJ
-55~+150
°C
Storage Temperature
Tstg
-55~+150
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C)
Parameter
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain -Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
700
-
-
V
Gate Threshold Voltage
VTH
VGS= VDS, ID=250µA
2.0
-
4.0
V
Drain-Source Leakage Current
IDSS
VDS=700V, VGS=0V
-
-
1.0
µA
Static Drain- Source On State
Resistance
RDS(on)
VGS=10V, ID=1.0A
-
-
6.5
Ω
Gate-Source Leakage Current
IGSS
VGS=±30V, VDS=0V
-
-
±100
nA
Source-Drain Diode Forward on
Voltage
VFSD
IS=2.0A, VGS=0V
-
-
1.4
V
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.10.15
Http: www.silan.com.cn
Page 1 of 1


Similar Part No. - 3VD235700YL

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
3VD235600YL SILAN-3VD235600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
More results

Similar Description - 3VD235700YL

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
3VD324600YL SILAN-3VD324600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD186700YL SILAN-3VD186700YL Datasheet
79Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD182600YL SILAN-3VD182600YL Datasheet
28Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD297600YL SILAN-3VD297600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD324400YL SILAN-3VD324400YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD156600YL SILAN-3VD156600YL Datasheet
79Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD379600YL SILAN-3VD379600YL Datasheet
22Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD499650YL SILAN-3VD499650YL Datasheet
96Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD186600YL SILAN-3VD186600YL Datasheet
91Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD235600YL SILAN-3VD235600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD395650YL SILAN-3VD395650YL Datasheet
96Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com