Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

203306B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 203306B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

203306B Datasheet(HTML) 5 Page - Integrated Technology Future

  203306B Datasheet HTML 1Page - Integrated Technology Future 203306B Datasheet HTML 2Page - Integrated Technology Future 203306B Datasheet HTML 3Page - Integrated Technology Future 203306B Datasheet HTML 4Page - Integrated Technology Future 203306B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 203306B
Part No.
203306B
Rev. Date
2007-09-17
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM7041-CS01
5/5
CH1
S21
LOG
1 dB/
REF -22 dB
CH1
S21
LOG
10 dB/
REF -22.31 dB
CENTER
77. 750 000 MHz
SPAN
9. 000 000 MHz
Cor
CH2
S21
DEL
200 ns/
REF 4.759 us
CENTER
77. 750 000 MHz
SPAN
3. 000 000 MHz
Cor
Smo
9 Jul 2007 18:10:28
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW
2
MHz
:
. 718292
cent :
77. 705379
MHz
Q: 28. 586
1_loss : -22 . 274 dB
2
3
3: -8 . 8166 ns
2. 250 000 MHz
REF=2
CH2 Markers
mean : 4. 8558 us
s. dev : 36. 609 ns
p-p : 156 . 91 ns
*
Cor
Hld
9 Jul 2007 18:07:53
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
3. 554264
MHz
cent :
77. 706693
MHz
Q: 21. 863
1_loss : -22 . 274 dB
CH1
S21
LOG
10 dB/
REF -21.95 dB
START
. 010 000 MHz
STOP 280 . 000 000 MHz
9 Jul 2007 18:15:34
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -66 . 679 dB
77. 7500 MHz
3: -49 . 160 dB
155 . 500 MHz
CH1
S11
SWR
2 /
REF 4.007
Cor
CH2
S22
SWR
2 /
REF 1.958
CENTER
77. 750 000 MHz
SPAN
9. 000 000 MHz
Cor
9 Jul 2007 18:13:08
1
1: 4. 0056
77. 750 000 MHz
2
2: 1. 9581
77. 750 000 MHz


Similar Part No. - 203306B

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
203306 ERNI-203306 Datasheet
43Kb / 2P
   MOD JACK - MJIM
More results

Similar Description - 203306B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com