Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

251001B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 251001B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

251001B Datasheet(HTML) 5 Page - Integrated Technology Future

  251001B Datasheet HTML 1Page - Integrated Technology Future 251001B Datasheet HTML 2Page - Integrated Technology Future 251001B Datasheet HTML 3Page - Integrated Technology Future 251001B Datasheet HTML 4Page - Integrated Technology Future 251001B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 251001B
Part No.
251001B
CH1
CH1
S21
LOG
10 dB/
REF -23.5 dB
START
. 010 000 MHz
STOP 500 . 000 000 MHz
11 Jul 2005 11:18:05
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -62 . 290 dB
120 . 000 MHz
3: -60 . 269 dB
240 . 000 MHz
Rev. Date
2005-07-11
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM5017-CS01
5/5
S21
LOG
1 dB/
REF -23.59 dB
Cor
CH2
S21
LOG
1 dB/
REF -23.81 dB
CENTER 120 . 000 000 MHz
SPAN
11. 500 000 MHz
Cor
11 Jul 2005 11:05:22
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
9. 883461
MHz
cent : 120 . 027879
MHz
Q: 12. 144
1_loss : -23 . 779 dB
2
3
3: . 16230
dB
9. 200 000 MHz
REF=2
CH2 Markers
mean : -23 . 730 dB
s. dev : . 07100
dB
p-p : . 38950
dB
CH1
S11
LOG
1 dB/
REF -4.171 dB
CENTER 120 . 000 000 MHz
SPAN
30. 000 000 MHz
Cor
CH2
2
LOG
1 dB/
REF -4.264 dB
Cor
S2
11 Jul 2005 11:07:05
1
1: -4 . 1706 dB
120 . 000 000 MHz
2
2: -4 . 2696 dB
120 . 000 000 MHz
CH1
S11
1 U FS
CENTER 120 . 000 000 MHz
SPAN
30. 000 000 MHz
Cor
CH2
S22
1 U FS
Cor
11 Jul 2005 11:07:28
1
1: 41. 574
-71 . 352
18. 588 pF
120 . 000 000 MHz
2
2: 38. 496
-66 . 996
19. 797 pF
120 . 000 000 MHz


Similar Part No. - 251001B

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2510015 ALPHAWIRE-2510015 Datasheet
98Kb / 4P
   Customer Specification
12/5/2022
More results

Similar Description - 251001B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com