Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

252001B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 252001B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

252001B Datasheet(HTML) 5 Page - Integrated Technology Future

  252001B Datasheet HTML 1Page - Integrated Technology Future 252001B Datasheet HTML 2Page - Integrated Technology Future 252001B Datasheet HTML 3Page - Integrated Technology Future 252001B Datasheet HTML 4Page - Integrated Technology Future 252001B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 252001B
Part No.
252001B
CH1
CH1
S21
LOG
10 dB/
REF -24.91 dB
START
. 010 000 MHz
STOP 400 . 000 000 MHz
17 Feb 2005 02:02:08
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -60 . 076 dB
120 . 000 MHz
3: -56 . 401 dB
240 . 000 MHz
Rev. Date
2005-02-21
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM5004-CS01
5/5
S21
LOG
1 dB/
REF -24.25 dB
Cor
CH2
S21
LOG
1 dB/
REF -24.97 dB
CENTER 120 . 000 000 MHz
SPAN
25. 000 000 MHz
Cor
17 Feb 2005 01:59:57
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
20. 308830
MHz
cent : 119 . 993477
MHz
Q: 5. 9084
1_loss : -24 . 726 dB
2
3
3: . 19850 dB
19. 500 000 MHz
REF=2
CH2 Markers
mean : -24 . 561 dB
s. dev : . 12660
dB
p-p : . 59980
dB
CH1
S11
SWR
5 /
REF 4.167
Cor
CH2
S22
SWR
5 /
REF 6.517
CENTER 120 . 000 000 MHz
SPAN
55. 000 000 MHz
Cor
17 Feb 2005 02:01:02
1
1: 4. 1826
120 . 000 000 MHz
2
2: 6. 5166
120 . 000 000 MHz
CH1
S11
1 U FS
CENTER 120 . 000 000 MHz
SPAN
55. 000 000 MHz
Cor
CH2
S22
1 U FS
Cor
17 Feb 2005 02:01:09
1
1: 12. 388
8. 8257
11. 705 nH
120 . 000 000 MHz
2
2: 7. 6802
1. 9048
2. 5263 nH
120 . 000 000 MHz


Similar Part No. - 252001B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
252004B ITF-252004B Datasheet
205Kb / 5P
   SAW Bandpass Filter
logo
Belden Inc.
25200UE BELDEN-25200UE Datasheet
143Kb / 2P
   Security & Sound, 2 Conductor 16 AWG BC, Armored
12-20-2022
25200UE-0001000 BELDEN-25200UE-0001000 Datasheet
143Kb / 2P
   Security & Sound, 2 Conductor 16 AWG BC, Armored
12-20-2022
More results

Similar Description - 252001B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com