Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2900-3 Datasheet(PDF) 1 Page - Emerson Network Power

Part # DS2900-3
Description  2900 Watts Distributed Power System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS2900-3 Datasheet(HTML) 1 Page - Emerson Network Power

  DS2900-3 Datasheet HTML 1Page - Emerson Network Power DS2900-3 Datasheet HTML 2Page - Emerson Network Power DS2900-3 Datasheet HTML 3Page - Emerson Network Power DS2900-3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 11.9.09_44
DS2900
1 of 4
Embedded Power for
Business-Critical Continuity
DS2900
2900 Watts
Distributed Power System
Special Features
• Active power factor correction
• EN61000-3-2 harmonic compliance
• Active AC inrush control
• 2U X 3U form factor
• 24.8 W / in3
• +12 Vdc Output
• +3.3 Vdc stand-by
(5 V standby - consult factory)
• No minimum load required
• Hot plug operation
• N + 1 redundant
• Internal OR’ing fets
• Active current sharing
(10 - 100% load)
• Built-in cooling fan
(40 mm x 28 mm)
• I2C communication interface bus
• PMBus compliant
• EERPOM for FRU data
• Red/green bi-color LED status
• Internal fan speed control
• Fan Fail Tach Output Signal
• INTEL, SSI Std. logic timing
• INTEL, SSI Std. FRU data format
PSM/V2.12
• Full digital control
• Two year warranty
• Compatible with Emerson
Universal PMBus GUI
Distributed Power Bulk Front-End
Total Output Power: 2900 Watts
+3.3 Vdc Stand-by Output
WideRangeInputVoltage: 180 - 264 Vac
Electrical Specifications
Safety
Input
Input range:
180 - 264 (2900 W)
Frequency:
47-63 Hz, single phase AC
Inrush current:
50 Apk maximum inrush current
Efficiency:
> 91% typical at nom line 50% load
Conducted EMI:
FCC Subpart J EN55022 Class A
Radiated EMI:
FCC Subpart J EN55022 Class A
Meets intent of NEBS, Bel Core GR-1089
Power factor:
0.99 typical
Leakage current:
1.40 mA @ 240 VAC
Hold up time:
12 ms minimum
Output
Main DC voltage:
+12 V @ 240 A (high line)
Stand-By:
+3.3 Vsb @ 3 A
Adjustment range:
± 10% on +12V only using I2C
Regulation:
+12 Vdc; +4% / -4%
+3.3 Vsb; +5% / -5%
Over current:
Constant current type for both the 12 VDC and 3.3V standby.
See Figure 1 below
Over voltage:
+12 Vdc; 13.2 - 15.6 Vdc (110 - 130%)
+3.3 Vsb; 3.63 V - 4.29 (110 - 130%)
Under voltage:
+12 Vdc; 9 - 10.8 V (latch off)
Turn-on delay:
2 second max, 5 - 200 mS, monotonic rise
Main output rise time:
5 - 300 mS, monotonic rise
• UL/cUL 60950 (UL Recognized)
• NEMKO+ CB Report EN60950
• EN60950
• CE Mark
• China CCC
Vout nominal
Vout
Iout limit
Iout
120%
130%
115%
140%
(+12VDC)
(3.3VSB)
Figure 1


Similar Part No. - DS2900-3

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DS2900-3 ARTESYN-DS2900-3 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
DS2900-3-002 ARTESYN-DS2900-3-002 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
DS2900-3-003 ARTESYN-DS2900-3-003 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
DS2900-3-004 ARTESYN-DS2900-3-004 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
More results

Similar Description - DS2900-3

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DS2900 ARTESYN-DS2900 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
DS500SPE-3 ARTESYN-DS500SPE-3 Datasheet
704Kb / 7P
   500 Watts Distributed Power System
DS1600SPE ARTESYN-DS1600SPE Datasheet
791Kb / 8P
   1600 Watts Distributed Power System
DS750PED ARTESYN-DS750PED Datasheet
701Kb / 7P
   750 Watts Distributed Power System
DS1100SLPE-3-001 ARTESYN-DS1100SLPE-3-001 Datasheet
700Kb / 7P
   1100 Watts Distributed Power System
DS1100SLPE ARTESYN-DS1100SLPE Datasheet
700Kb / 7P
   1100 Watts Distributed Power System
DS1100PED-3 ARTESYN-DS1100PED-3 Datasheet
880Kb / 8P
   1100 Watts Distributed Power System
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
   1200 Watts Distributed Power System
logo
Artesyn Technologies
DS750PED-3-001 ARTESYN-DS750PED-3-001 Datasheet
701Kb / 7P
   750 Watts Distributed Power System
logo
Astec America, Inc
DS850-9 ASTEC-DS850-9 Datasheet
100Kb / 4P
   850 Watts 48V Distributed Power System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com