Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250903B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 250903B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

250903B Datasheet(HTML) 5 Page - Integrated Technology Future

  250903B Datasheet HTML 1Page - Integrated Technology Future 250903B Datasheet HTML 2Page - Integrated Technology Future 250903B Datasheet HTML 3Page - Integrated Technology Future 250903B Datasheet HTML 4Page - Integrated Technology Future 250903B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 250903B
Part No.
250903B
CH1
CH1
S21
LOG
10 dB/
REF -26.78 dB
START
. 010 000 MHz
STOP 500 . 000 000 MHz
26 Nov 2004 00:12:03
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -54 . 050 dB
160 . 000 MHz
3: -54 . 286 dB
320 . 000 MHz
Rev. Date
2004-11-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM4026-CS01
5/5
S21
LOG
1 dB/
REF -25.58 dB
Cor
CH2
S21
LOG
1 dB/
REF -26.08 dB
CENTER 160 . 000 000 MHz
SPAN
11. 000 000 MHz
Cor
26 Nov 2004 00:09:32
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
9. 002733
MHz
cent : 160 . 008410
MHz
Q: 17. 773
1_loss : -25 . 950 dB
2
3
3: . 23860
dB
8. 600 000 MHz
REF=2
CH2 Markers
mean : -25 . 876 dB
s. dev : . 11210
dB
p-p : . 55280
dB
CH1
S11
1 U FS
CENTER 160 . 000 000 MHz
SPAN
26. 000 000 MHz
Cor
CH2
S22
1 U FS
Cor
26 Nov 2004 00:10:56
1
1: 12. 491
18. 281
18. 185 nH
160 . 000 000 MHz
2
2: 35. 795
25. 457
25. 323 nH
160 . 000 000 MHz
CH1
1
SWR
1 /
REF 4.586
Cor
S1
CH2
S22
SWR
1 /
REF 1.975
CENTER 160 . 000 000 MHz
SPAN
26. 000 000 MHz
Cor
26 Nov 2004 00:10:46
1
1: 4. 5837
160 . 000 000 MHz
2
2: 1. 9778
160 . 000 000 MHz


Similar Part No. - 250903B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250905B ITF-250905B Datasheet
201Kb / 5P
   SAW Bandpass Filter
250906B ITF-250906B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250907B ITF-250907B Datasheet
194Kb / 5P
   SAW Bandpass Filter
More results

Similar Description - 250903B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com