Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

270452B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 270452B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

270452B Datasheet(HTML) 5 Page - Integrated Technology Future

  270452B Datasheet HTML 1Page - Integrated Technology Future 270452B Datasheet HTML 2Page - Integrated Technology Future 270452B Datasheet HTML 3Page - Integrated Technology Future 270452B Datasheet HTML 4Page - Integrated Technology Future 270452B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 270452B
Part No.
270452B
CH1
CH1
S21
LOG
10 dB/
REF -22.17 dB
START
. 010 000 MHz
STOP 300 . 000 000 MHz
28 Jun 2004 09:56:43
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -61 . 125 dB
70. 0000 MHz
3: -72 . 316 dB
140 . 000 MHz
Rev. Date
2004-09-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM4023- CS01
5/5
S21
LOG
1 dB/
REF -22.79 dB
CENTER
70. 000 000 MHz
SPAN
5. 000 000 MHz
Cor
CH2
1
LOG
1 dB/
REF -22.75 dB
Cor
S2
28 Jun 2004 09:53:55
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
4. 100034
MHz
cent :
70. 028651
MHz
Q: 17. 080
1_loss : -22 . 791 dB
2
3
3: . 27170
dB
3. 600 000 MHz
REF=2
CH2 Markers
mean : -22 . 725 dB
s. dev : . 07530
dB
p-p : . 37230
dB
CH1
S11
SWR
1 /
REF 2.549
CENTER
70. 000 000 MHz
SPAN
16. 500 000 MHz
Cor
CH2
2
SWR
1 /
REF 2.894
Cor
S2
28 Jun 2004 09:55:28
1
1: 2. 5516
70. 000 000 MHz
2
2: 2. 8934
70. 000 000 MHz
CH1
S11
1 U FS
Cor
CH2
S22
1 U FS
CENTER
70. 000 000 MHz
SPAN
16. 500 000 MHz
Cor
28 Jun 2004 09:55:35
1
1: 34. 412
-37 . 141
61. 217 pF
70. 000 000 MHz
2
2: 49. 654
-55 . 381
41. 055 pF
70. 000 000 MHz


Similar Part No. - 270452B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
270451B ITF-270451B Datasheet
223Kb / 6P
   SAW Bandpass Filter
270454B ITF-270454B Datasheet
208Kb / 5P
   SAW Bandpass Filter
270455B ITF-270455B Datasheet
288Kb / 5P
   SAW Bandpass Filter
More results

Similar Description - 270452B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com