Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

251904B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 251904B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

251904B Datasheet(HTML) 5 Page - Integrated Technology Future

  251904B Datasheet HTML 1Page - Integrated Technology Future 251904B Datasheet HTML 2Page - Integrated Technology Future 251904B Datasheet HTML 3Page - Integrated Technology Future 251904B Datasheet HTML 4Page - Integrated Technology Future 251904B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 251904B
Part No.
251904B
CH1
S21
LOG
1 dB/
REF -28.53 dB
CENTER 120 . 000 000 MHz
SPAN
23. 000 000 MHz
CH1
S21
LOG
10 dB/
REF -28.59 dB
START
. 010 000 MHz
STOP 400 . 000 000 MHz
*
28 Jun 2004 13:54:55
1
1: -28 . 432 dB
120 . 000 000 MHz
Rev. Date
2004-07-09
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM4016-CS02
5/5
Cor
CH2
LOG
1 dB/
REF -28.91 dB
Cor
S21
29 Jun 2004 15:36:11
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
18. 863426
MHz
cent : 119 . 991153
MHz
Q: 6. 3610
1_loss : -28 . 590 dB
2
3
3: . 13660
dB
18. 440 000 MHz
REF=2
CH2 Markers
mean : -28 . 687 dB
s. dev : . 12330
dB
p-p : . 52510
dB
CH1
S11
SWR
2 /
REF 1.958
CENTER 120 . 000 000 MHz
SPAN
50. 000 000 MHz
Cor
CH2
SWR
2 /
REF 2.642
Cor
S22
28 Jun 2004 13:53:50
1
1: 1. 9578
120 . 000 000 MHz
2
2: 2. 6449
120 . 000 000 MHz
CH1
S11
1 U FS
CENTER 120 . 000 000 MHz
SPAN
50. 000 000 MHz
Cor
CH2
S22
1 U FS
Cor
29 Jun 2004 15:54:22
1
1: 31. 624
-28 . 196
47. 038 pF
120 . 000 000 MHz
2
2: 32. 096
-29 . 137
45. 520 pF
120 . 000 000 MHz


Similar Part No. - 251904B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
251902B ITF-251902B Datasheet
206Kb / 5P
   SAW Bandpass Filter
251902C ITF-251902C Datasheet
206Kb / 5P
   SAW Bandpass Filter
251905B ITF-251905B Datasheet
207Kb / 5P
   SAW Bandpass Filter
251906B ITF-251906B Datasheet
199Kb / 5P
   SAW Bandpass Filter
251908B ITF-251908B Datasheet
201Kb / 5P
   SAW Bandpass Filter
More results

Similar Description - 251904B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com