Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

203636B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 203636B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

203636B Datasheet(HTML) 1 Page - Integrated Technology Future

  203636B Datasheet HTML 1Page - Integrated Technology Future 203636B Datasheet HTML 2Page - Integrated Technology Future 203636B Datasheet HTML 3Page - Integrated Technology Future 203636B Datasheet HTML 4Page - Integrated Technology Future 203636B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SAW Bandpass Filter 203636B
Part No.
203636B
1. Features
IF bandpass filter
High attenuation
Single-ended operation
DIP Package
Maximum Storage Temperature Range : -40
~ 85
℃℃
Electrostatics Sensitive Device (ESD)
2. Package Dimension
7.6±0.2
6.0max
5.5max
12.7±0.5
Package : D2712
Pin Configuration
1
Input
5
Output
2, 4
Ground
3, 6
Case ground
Dimensions shown are nominal in millimeters
Base : Fe(SPCC), Au plating over Ni plated
Cap : Cu & Cr Alloy, Ni Plated
Termination : Kovar, Au Plated
Rev. Date
2004-05-24
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM3036-CS01
1/5


Similar Part No. - 203636B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2036320400 MOLEX1-2036320400 Datasheet
49Kb / 1P
   Micro-Fit TPA Plug Housing, Dual Row, 4 Circuits, UL 94V-0, Low-Halogen
2036320401 MOLEX1-2036320401 Datasheet
47Kb / 1P
   Micro-Fit TPA Plug Housing, Dual Row, 4 Circuits, UL 94V-0, Low-Halogen
2036320600 MOLEX1-2036320600 Datasheet
49Kb / 1P
   Micro-Fit TPA Plug Housing, Dual Row, 6 Circuits, UL 94V-0, Low-Halogen
2036320601 MOLEX1-2036320601 Datasheet
47Kb / 1P
   Micro-Fit TPA Plug Housing, Dual Row, 6 Circuits, UL 94V-0, Low-Halogen
2036320800 MOLEX1-2036320800 Datasheet
49Kb / 1P
   Micro-Fit TPA Plug Housing, Dual Row, 8 Circuits, UL 94V-0, Low-Halogen
More results

Similar Description - 203636B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com