Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH60D43RNP-680MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH60D43RNP-680MC
Description  SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH60D43RNP-680MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH60D43RNP-680MC Datasheet HTML 1Page - Sumida Corporation CDRH60D43RNP-680MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Electrical Characteristics specification.
※1 Saturation Current: The DC current at which the inductance decreases to 70% of its nominal value.
※2 Temperature Rise Current: The DC current at which the temperature rise is △t=40℃ (Ta=20℃).
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
CDRH60D43R
CDRH60D43R
CDRH60D43R
CDRH60D43R
California
Chicago
Tel.+1-408-321-9660
FAX. +1-408-321-9308
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+60-3-8733-0900
FAX.+60-3-8737-7384
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
Malaysia
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-27065228
FAX.+886-2-27065229
Tel.+86-755-82910228
FAX.+86-755-82910338
Tel.+86-021-58363299
FAX.+86-021-58363266
Tel.+852-2880-6688
FAX.+852-2565-9600
(at 20
℃) (at 105℃)
CDRH60D43RNP-1R5NC
B
1.5±30
15±25
5.80
4.80
5.20
CDRH60D43RNP-2R2NC
C
2.2±30
17±25
4.80
4.00
4.40
CDRH60D43RNP-3R3NC
D
3.3±30
22±25
4.40
3.60
4.10
CDRH60D43RNP-4R7MC
E
4.7±20
26±25
3.50
2.80
3.80
CDRH60D43RNP-6R8MC
F
6.8±20
31±25
3.10
2.50
3.45
CDRH60D43RNP-100MC
G
10±20
38±25
2.60
2.00
2.90
CDRH60D43RNP-150MC
H
15±20
78±25
2.10
1.60
1.98
CDRH60D43RNP-220MC
J
22±20
118±20
1.80
1.30
1.55
CDRH60D43RNP-330MC
K
33±20
178±20
1.45
1.12
1.33
CDRH60D43RNP-470MC
L
47±20
270±20
1.20
0.90
1.04
CDRH60D43RNP-680MC
M
68±20
325±20
1.00
0.75
0.9
CDRH60D43RNP-101MC
N
100±20
415±20
0.85
0.66
0.82
CDRH60D43RNP-151MC
P
150±20
670±20
0.68
0.52
0.65
CDRH60D43RNP-221MC
Q
220±20
1030±20
0.56
0.44
0.49
CDRH60D43RNP-331MC
R
330±20
1325±20
0.47
0.38
0.45
Temperature
Rise Current
(A)
※2
Stamp
Part Name
Inductance
(µH)
100kHz
D.C.R.(m )
Max.(Typ.)
(at 20
℃)
Saturation Current
(A)※1


Similar Part No. - CDRH60D43RNP-680MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH60D43RNP-680MC SUMIDA-CDRH60D43RNP-680MC Datasheet
569Kb / 9P
   Power Inductor
CDRH60D43RNP-680MC SUMIDA-CDRH60D43RNP-680MC Datasheet
135Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH60D43RNP-680MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com