Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH28D07NP-1R4NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH28D07NP-1R4NC
Description  SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH28D07NP-1R4NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH28D07NP-1R4NC Datasheet HTML 1Page - Sumida Corporation CDRH28D07NP-1R4NC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics specification.
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
CDRH28D07
CDRH28D07
CDRH28D07
CDRH28D07
※1. Saturation Current: The DC current at which the inductance decreases to 70% of it's nominal value.
※2. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
California
Chicago
Tel.+1-408-321-9660
FAX. +1-408-321-9308
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+60-3-8733-0900
FAX.+60-3-8737-7384
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
Malaysia
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-27065228
FAX.+886-2-27065229
Tel.+86-755-82910228
FAX.+86-755-82910338
Tel.+86-021-58363299
FAX.+86-021-58363266
Tel.+852-2880-6688
FAX.+852-2565-9600
Part No.
Stamp
Inductance
(µH)
at 100KHz
D.C.R.
(m )
(at20
℃)
Saturation current
(A)
※1
(at 20
℃)
Temperature
rise current
(A)
※2
CDRH28D07NP-1R0NC
A
1.0±30
79±25
0.90
1.15
CDRH28D07NP -1R4NC
C
1.4±30
94±25
0.80
1.05
CDRH28D07NP -2R2NC
D
2.2±30
125±20
0.66
0.87
CDRH28D07NP -3R3NC
F
3.3±30
190±20
0.52
0.72
CDRH28D07NP -4R7MC
H
4.7±20
278±20
0.43
0.53
CDRH28D07NP -6R4MC
K
6.4±20
330±20
0.40
0.48
CDRH28D07NP -100MC
M
10±20
562±20
0.31
0.36
CDRH28D07NP -150MC
P
15±20
955±20
0.25
0.26


Similar Part No. - CDRH28D07NP-1R4NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH26D09 SUMIDA-CDRH26D09 Datasheet
150Kb / 2P
   Power Inductors
CDRH26D09NP-100P SUMIDA-CDRH26D09NP-100P Datasheet
150Kb / 2P
   Power Inductors
CDRH26D09NP-100PC SUMIDA-CDRH26D09NP-100PC Datasheet
134Kb / 3P
   SMD Power Inductor
CDRH26D09NP-1R2P SUMIDA-CDRH26D09NP-1R2P Datasheet
150Kb / 2P
   Power Inductors
CDRH26D09NP-1R2PC SUMIDA-CDRH26D09NP-1R2PC Datasheet
134Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDRH28D07NP-1R4NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com