Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

201167B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 201167B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

201167B Datasheet(HTML) 5 Page - Integrated Technology Future

  201167B Datasheet HTML 1Page - Integrated Technology Future 201167B Datasheet HTML 2Page - Integrated Technology Future 201167B Datasheet HTML 3Page - Integrated Technology Future 201167B Datasheet HTML 4Page - Integrated Technology Future 201167B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 201167B
Part No.
201167B
CH1
CH1
S21
LOG
10 dB/
REF -22.18 dB
START
. 010 000 MHz
STOP 300 . 000 000 MHz
29 May 2004 14:23:31
1
1: -22 . 141 dB
70. 000 000 MHz
Rev. Date
2004-05-31
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM3004-CS03
5/5
S21
LOG
1 dB/
REF -22.66 dB
Cor
CH2
S21
LOG
1 dB/
REF -23.32 dB
CENTER
70. 000 000 MHz
SPAN
16. 000 000 MHz
Cor
29 May 2004 14:21:01
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
12. 769205
MHz
cent :
70. 027512
MHz
Q: 5. 4841
1_loss : -22 . 766 dB
2
3
3: - . 01450 dB
12. 400 000 MHz
REF=2
CH2 Markers
mean : -22 . 893 dB
s. dev : . 17580
dB
p-p : . 79790
dB
CH1
S11
SWR
5 /
REF 9.846
Cor
CH2
S22
SWR
5 /
REF 4.604
CENTER
70. 000 000 MHz
SPAN
35. 000 000 MHz
Cor
29 May 2004 14:22:49
1
1: 9. 8091
70. 000 000 MHz
2
2: 4. 6064
70. 000 000 MHz
CH1
S11
1 U FS
CENTER
70. 000 000 MHz
SPAN
35. 000 000 MHz
Cor
CH2
S22
1 U FS
Cor
29 May 2004 14:22:55
1
1: 8. 7949
-42 . 367
53. 665 pF
70. 000 000 MHz
2
2: 149 . 94
105 . 82
240 . 60 nH
70. 000 000 MHz


Similar Part No. - 201167B

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
20116 HONEYWELL-ACC-20116 Datasheet
347Kb / 6P
   Other AC and DC Meters Available
logo
Integrated Technology F...
201168B ITF-201168B Datasheet
202Kb / 5P
   SAW Bandpass Filter
More results

Similar Description - 201167B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com