Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

232052B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 232052B
Description  Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

232052B Datasheet(HTML) 2 Page - Integrated Technology Future

  232052B Datasheet HTML 1Page - Integrated Technology Future 232052B Datasheet HTML 2Page - Integrated Technology Future 232052B Datasheet HTML 3Page - Integrated Technology Future 232052B Datasheet HTML 4Page - Integrated Technology Future 232052B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bandpass Filter 232052B
Part No.
232052B
3. Specifications
Fo = 75.0 MHz
Terminating source impedance
: 50
Ω and matching network
Terminating load impedance
: 50
Ω and matching network
Operating temperature range :
-30℃ ~ +80℃
Minimum
Typical
Maximum
Center Frequency (Fc)
MHz
-
75.0
-
Insertion Loss
dB
-
12.1
14.0
1dB Bandwidth
MHz
20.1
20.25
-
3dB Bandwidth
MHz
-
20.95
-
40dB Bandwidth
MHz
-
24.2
24.5
Amplitude Ripple (Fo +/- 9.32 MHz)
dB
-
0.35
1.0
Group Delay Variation (Fo +/- 9.32 MHz)
nsec
-
30
60
Absolute Delay
usec
-
1.07
-
Ultimate Rejection
dB
40
45
-
Temperature Coefficient of Frequency (TCF)
ppm/°C
-
- 72
-
Room temperature
: + 25 ℃
Minimum
Typical
Maximum
Center Frequency
MHz
-
75.0
-
Insertion Loss
dB
-
12.1
13.5
Amplitude Ripple (Fo +/- 9.67 MHz)
dB
-
0.35
1.0
Group Delay Variation (Fo +/- 9.67 MHz)
nsec
-
30
60
Rev. Date
2007-01-04
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ6025-CS02
2/5


Similar Part No. - 232052B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
23205202 TOSHIBA-23205202 Datasheet
4Mb / 70P
   Color Television
2005
23205204 TOSHIBA-23205204 Datasheet
1Mb / 35P
   Color Television
2004
23205206 TOSHIBA-23205206 Datasheet
4Mb / 70P
   Color Television
2005
23205214 TOSHIBA-23205214 Datasheet
4Mb / 70P
   Color Television
2005
23205222 TOSHIBA-23205222 Datasheet
4Mb / 70P
   Color Television
2005
More results

Similar Description - 232052B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com