Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

252852B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 252852B
Description  Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

252852B Datasheet(HTML) 4 Page - Integrated Technology Future

  252852B Datasheet HTML 1Page - Integrated Technology Future 252852B Datasheet HTML 2Page - Integrated Technology Future 252852B Datasheet HTML 3Page - Integrated Technology Future 252852B Datasheet HTML 4Page - Integrated Technology Future 252852B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bandpass Filter 252852B
Part No.
252852B
6. Typical Performance ( at +25℃ )
CH1
S21
LOG
10 dB/
REF -12 dB
CENTER
110 . 000
000
MHz
SPAN
80 . 000
000
MHz
IA110C B1
Cor
3 Apr 2006 18:07:29
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
REF=1
CH1
Markers
BW:
32 . 651230
MHz
cent
:
110 . 294884
MHz
Q: 3 . 3780
1_ loss
: -12
. 208
dB
CH2
S21
LOG
1 dB/
REF -12 dB
2-2 S1365 M1S
Cor
CH4
S21
DEL
50 ns/
REF 796 ns
CENTER
110 . 000
000
MHz
SPAN
40 . 000
000
MHz
Cor
Smo
3 Apr 2006 18:08:36
2
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
REF=1
CH2
Markers
BW:
28 . 598217
MHz
cent
:
109 . 836010
MHz
Q: 3 . 8407
1_ loss
: -12
. 126
dB
4
1
2
3
2 : -12
. 321
ns
25 . 900
000
MHz
REF=3
CH4
Markers
mean
: 821 . 46
ns
s . dev
: 5 . 4523
ns
p-p
: 33 . 226
ns
Rev. Date
2006-07-11
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ6020-CS01
4/5


Similar Part No. - 252852B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
252851B ITF-252851B Datasheet
214Kb / 5P
   SAW Bandpass Filter
More results

Similar Description - 252852B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com