Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

252702B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 252702B
Description  Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

252702B Datasheet(HTML) 5 Page - Integrated Technology Future

  252702B Datasheet HTML 1Page - Integrated Technology Future 252702B Datasheet HTML 2Page - Integrated Technology Future 252702B Datasheet HTML 3Page - Integrated Technology Future 252702B Datasheet HTML 4Page - Integrated Technology Future 252702B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Bandpass Filter 252702B
Part No.
252702B
C
Rev. Date
2006-09-05
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ6016- CS02
5/5
H2 S21
LOG
1 dB/ REF -11.9 dB
Cor
CH4 S21
LOG
1 dB/ REF -11.9 dB
CENTER110. 000 000 MHz
SPAN 40. 000 000 MHz
Cor
8 Aug 2006 14:01:22
2
CH1 S21
LOG
10 dB/ REF -11.8 dB
START . 010 000 MHz
STOP 500. 000 000 MHz
8 Aug 2006 14:02:26
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1Markers
2:-53 . 849 dB
110. 000 MHz
3:-33 . 166 dB
220. 000 MHz
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
2: . 24660 dB
25. 900 000 MHz
REF=1
CH2Markers
BW
:
27. 842222 MHz
cent : 109. 837440 MHz
Q: 3. 9450
1_loss : -11 . 987 dB
4
1
2
3
REF=3
CH4Markers
mean:-11 . 886 dB
s. dev: . 09900 dB
p-p : . 49090 dB
CH1 S11
SWR
1 /
REF 1
Cor
CH3 S22
SWR
1 /
REF 1
CENTER110. 000 000 MHz
SPAN 80. 000 000 MHz
Cor
8 Aug 2006 14:03:04
1
1: 1. 7514
110. 000 000 MHz
2
2: 2. 6428
110. 000 000 MHz
CH1 S11
1 U FS
CENTER110. 000 000 MHz
SPAN 80. 000 000 MHz
Cor
CH3 S22
1 U FS
Cor
8 Aug 2006 14:03:18
1
1: 69. 895
27. 063
39. 156 nH
110. 000 000 MHz
2
2: 23. 771
-22 . 979
62. 966 pF
110. 000 000 MHz


Similar Part No. - 252702B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
252701B ITF-252701B Datasheet
213Kb / 5P
   Bandpass Filter
252707B ITF-252707B Datasheet
150Kb / 2P
   Typical 1dB bandwidth of 26.4MHz
More results

Similar Description - 252702B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com