Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240551B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 240551B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

240551B Datasheet(HTML) 5 Page - Integrated Technology Future

  240551B Datasheet HTML 1Page - Integrated Technology Future 240551B Datasheet HTML 2Page - Integrated Technology Future 240551B Datasheet HTML 3Page - Integrated Technology Future 240551B Datasheet HTML 4Page - Integrated Technology Future 240551B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 240551B
Part No.
240551B
CH2
CH1
S21
LOG
9.99 dB/
REF -7.381 dB
START
. 010 000 MHz
STOP 400 . 000 000 MHz
Date
2004-06-24
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyunggi-Do, Korea 421-809
Rev.
NJ4010-CS01
5/5
S21
LOG
1 dB/
REF -8.545 dB
CENTER
81. 250 000 MHz
SPAN
7. 000 000 MHz
Cor
1-1 S1365 M1S 2
CH4
LOG
1 dB/
REF -5.524 dB
Cor
S21
18 May 2004 00:03:05
2
18 May 2004 00:03:05
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
BW:
4. 775002
MHz
cent :
81. 341038
MHz
CH2 Markers
Q: 17. 035
1_loss : -6 . 5909 dB
4
1
2
3
3: . 17870
dB
4. 400 000 MHz
REF=2
CH4 Markers
mean : -6 . 7528 dB
s. dev : . 16120
dB
p-p : . 70830
dB
IA8104 A2
18 May 2004 00:03:13
3: -32 . 037 dB
162 . 500 000 MHz
18 May 2004 00:03:12
1
2
3
REF=1
CH1 Markers
1: 0. 0000 dB
0. 00000
Hz
2: -27 . 858 dB
81. 2500 MHz
CH1
S11
1 U FS
START
68. 750 000 MHz
STOP
93. 750 000 MHz
IA8104 A2
Cor
CH3
2
1 U FS
Cor
18 May 2004 00:03:47
S2
1
1: 86. 477
-15 . 938
122 . 91 pF
81. 250 000 MHz
CH1
S11
SWR
2 /
REF -4.422
2
2: 67. 332
-17 . 949
109 . 13 pF
81. 250 000 MHz
IA8104 A2
Cor
CH3
S22
SWR
2 /
REF -726 m
START
68. 750 000 MHz
STOP
93. 750 000 MHz
Cor
18 May 2004 00:04:00
18 May 2004 00:04:00
1
1: 1. 8170
81. 250 000 MHz
2
2: 1. 5340
81. 250 000 MHz


Similar Part No. - 240551B

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2405500-1 TEC-2405500-1 Datasheet
203Kb / 6P
   SDE-SA Commercial Hand Tool Assembly PN 2405500-1 with Die Assembly PN 2405500-2
Rev A
2405500-2 TEC-2405500-2 Datasheet
203Kb / 6P
   SDE-SA Commercial Hand Tool Assembly PN 2405500-1 with Die Assembly PN 2405500-2
Rev A
logo
Integrated Technology F...
240555B ITF-240555B Datasheet
172Kb / 2P
   80.0 MHz SAW Filter
More results

Similar Description - 240551B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com