Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3224HV3-GT2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT3224HV3-GT2
Description  4 Amp Supercapacitor Flash LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3224HV3-GT2 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT3224HV3-GT2 Datasheet HTML 1Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 2Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 3Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 4Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 5Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 6Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 7Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 8Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 0
1
Publication Order Number:
CAT3224/D
CAT3224
4 Amp Supercapacitor
Flash LED Driver
Description
The CAT3224 is a very high−current integrated flash LED driver
which also supports the charging function for a dual−cell
supercapacitor applications. Ideal for Li−ion battery−powered
systems, it delivers up to 4 A LED flash pulses, far beyond the peak
current capability of the battery.
Dual−mode 1x/2x charge pump charges the stacked supercapacitor
to a nominal voltage of 5.4 V, while an active balance control circuit
ensures that both capacitor cell voltages remain matched. The nominal
charging current to be drawn from the battery is set by an external
resistor tied to the RC pin.
The driver also features two matched current sources. External
resistors provide the adjustment for the maximum flash mode current
(up to 4 A) and the torch mode current (up to 400 mA). A built−in
safety timer automatically terminates the flash pulse beyond a
maximum duration of 300 ms.
In addition to thermal shutdown and overvoltage protection, the
device is fully protected against external resistor programming faults
and fully supports reverse output voltage for all conditions.
The device is packaged in the tiny 16−pad TQFN 3 mm x 3 mm
package with a max height of 0.8 mm.
Features
2 Channels at 2 A Each in Flash Mode
2 Channels at 200 mA Each in Torch Mode
Adjustable Charge Current Limit up to 1000 mA
Flash/Torch Current Separate Adjustment
Dual−mode 1x/2x Charge Pump
Dual Cell Supercapacitor Balancing
Flash Safety Timer and Ready Flag
Supercapacitor Continuous Charging
Shutdown CAP Leakage 3 mA
“Zero” Current Shutdown Mode
80 mA Standby Current (IVIN)
Over−voltage, Over−current Limiting
Thermal Shutdown Protection
Small 3 mm x 3 mm, 16−pad TQFN Package
This Device is Pb−Free, Halogen Free/BFR Free and RoHS
Compliant
Applications
High Power LED Flash
Systems with High Peak Loads
http://onsemi.com
TQFN−16
HV3 SUFFIX
CASE 510AD
PIN CONNECTIONS
RT
RC
LEDA
LEDB
RF
BAL
CAP
CAP
JAAT
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
CAT3224HV3−GT2 TQFN−16
(Pb−Free)
2,000/
Tape & Reel
JAAT = Specific Device Code
1
(Top View)
Note: NiPdAu Plated Finish (RoHS−compliant)


Similar Part No. - CAT3224HV3-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3224HV3-GT2 ONSEMI-CAT3224HV3-GT2 Datasheet
289Kb / 14P
   4 Amp Supercapacitor Flash LED Driver
More results

Similar Description - CAT3224HV3-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3224HV3-GT2 ONSEMI-CAT3224HV3-GT2 Datasheet
289Kb / 14P
   4 Amp Supercapacitor Flash LED Driver
logo
Exar Corporation
XRP6840 EXAR-XRP6840 Datasheet
664Kb / 17P
   4.3A Supercapacitor Flash LED Driver with I2C
logo
Integrated Silicon Solu...
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
   FLASH LED DRIVER
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
   FLASH LED DRIVER
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
   FLASH LED DRIVER
IS31BL3232-DLS2 ISSI-IS31BL3232-DLS2 Datasheet
404Kb / 11P
   FLASH LED DRIVER
logo
List of Unclassifed Man...
AMC7123 ETC1-AMC7123 Datasheet
104Kb / 1P
   Flash Light LED Driver
logo
NXP Semiconductors
AN10712 PHILIPS-AN10712_15 Datasheet
219Kb / 14P
   Photo flash LED driver
Rev. 1-28 October 2011
logo
ADDtek Corp
AMC7123 ADDTEK-AMC7123 Datasheet
97Kb / 8P
   FLASH LIGHT LED DRIVER
JULY 2006
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com