Part Name
         Description
PDTB113ET

 PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 kΩ, R2 = 1 kΩ ( 10 Page)


NXP
100% 
Zoom Out Zoom In
 
 1 page
background image
1.
Product profile
1.1 General description
500 mA PNP Resistor-Equipped Transistors (RET) family.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTB113E series
PNP 500 mA, 50 V resistor-equipped transistors;
R1 = 1 k
Ω, R2 = 1 kΩ
Rev. 02 — 16 November 2009
Product data sheet
Table 1.
Product overview
Type number
Package
NPN complement
NXP
JEITA
JEDEC
PDTB113EK
SOT346
SC-59A
TO-236
PDTD113EK
PDTB113ES[1]
SOT54
SC-43A
TO-92
PDTD113ES
PDTB113ET
SOT23
-
TO-236AB
PDTD113ET
Built-in bias resistors
Reduces component count
Simplifies circuit design
Reduces pick and place costs
500 mA output current capability
±10 % resistor ratio tolerance
Digital application in automotive and
industrial segments
Cost-saving alternative for BC807 series
in digital applications
Controlling IC inputs
Switching loads
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−50
V
IO
output current (DC)
-
-
−500
mA
R1
bias resistor 1 (input)
0.7
1.0
1.3
k
Ω
R2/R1
bias resistor ratio
0.9
1.0
1.1



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl