Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTB113EK Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTB113EK
Description  PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 1 k廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTB113EK Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTB113EK Datasheet HTML 1Page - NXP Semiconductors PDTB113EK Datasheet HTML 2Page - NXP Semiconductors PDTB113EK Datasheet HTML 3Page - NXP Semiconductors PDTB113EK Datasheet HTML 4Page - NXP Semiconductors PDTB113EK Datasheet HTML 5Page - NXP Semiconductors PDTB113EK Datasheet HTML 6Page - NXP Semiconductors PDTB113EK Datasheet HTML 7Page - NXP Semiconductors PDTB113EK Datasheet HTML 8Page - NXP Semiconductors PDTB113EK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
500 mA PNP Resistor-Equipped Transistors (RET) family.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTB113E series
PNP 500 mA, 50 V resistor-equipped transistors;
R1 = 1 k
Ω, R2 = 1 kΩ
Rev. 02 — 16 November 2009
Product data sheet
Table 1.
Product overview
Type number
Package
NPN complement
NXP
JEITA
JEDEC
PDTB113EK
SOT346
SC-59A
TO-236
PDTD113EK
PDTB113ES[1]
SOT54
SC-43A
TO-92
PDTD113ES
PDTB113ET
SOT23
-
TO-236AB
PDTD113ET
Built-in bias resistors
Reduces component count
Simplifies circuit design
Reduces pick and place costs
500 mA output current capability
±10 % resistor ratio tolerance
Digital application in automotive and
industrial segments
Cost-saving alternative for BC807 series
in digital applications
Controlling IC inputs
Switching loads
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−50
V
IO
output current (DC)
-
-
−500
mA
R1
bias resistor 1 (input)
0.7
1.0
1.3
k
Ω
R2/R1
bias resistor ratio
0.9
1.0
1.1


Similar Part No. - PDTB113EK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTB113EK PHILIPS-PDTB113EK Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PDTB113EK NEXPERIA-PDTB113EK Datasheet
245Kb / 11P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kΩ, R2 = 1 kΩ
Rev. 02 - 16 November 2009
More results

Similar Description - PDTB113EK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTB113Z NXP-PDTB113Z Datasheet
138Kb / 10P
   PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
PDTD113E NXP-PDTD113E Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 1 k廓
v
PDTD113E PHILIPS-PDTD113E_15 Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 1 k廓
Rev. 02-16 November 2009
PDTB123E NXP-PDTB123E Datasheet
138Kb / 10P
   PNP 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 02-16 November 2009
PDTB123Y NXP-PDTB123Y Datasheet
138Kb / 10P
   PNP 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
logo
Nexperia B.V. All right...
PDTA113EMB NEXPERIA-PDTA113EMB Datasheet
755Kb / 13P
   PNP resistor-equipped transistor; R1 = 1 k廓, R2 = 1 k廓
logo
NXP Semiconductors
PDTD123Y NXP-PDTD123Y Datasheet
132Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
logo
Nexperia B.V. All right...
PDTA113ZMB NEXPERIA-PDTA113ZMB Datasheet
628Kb / 13P
   PNP resistor-equipped transistor; R1 = 1 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PDTD123Y PHILIPS-PDTD123Y_15 Datasheet
132Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors R1 = 2.2 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
PDTD123E NXP-PDTD123E Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 02-16 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com