Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTB113E Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTB113E
Description  PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 1 k廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTB113E Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTB113E Datasheet HTML 2Page - NXP Semiconductors PDTB113E Datasheet HTML 3Page - NXP Semiconductors PDTB113E Datasheet HTML 4Page - NXP Semiconductors PDTB113E Datasheet HTML 5Page - NXP Semiconductors PDTB113E Datasheet HTML 6Page - NXP Semiconductors PDTB113E Datasheet HTML 7Page - NXP Semiconductors PDTB113E Datasheet HTML 8Page - NXP Semiconductors PDTB113E Datasheet HTML 9Page - NXP Semiconductors PDTB113E Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NXP Semiconductors
PDTB113E series
PNP 500 mA resistor-equipped transistors; R1 = 1 k
Ω, R2 = 1 kΩ
© NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 16 November 2009
Document identifier: PDTB113E_SER_2
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
13. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Thermal characteristics . . . . . . . . . . . . . . . . . . 4
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4
8
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6
9
Packing information . . . . . . . . . . . . . . . . . . . . . 7
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 8
11
Legal information. . . . . . . . . . . . . . . . . . . . . . . . 9
11.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 9
11.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
11.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
11.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
12
Contact information. . . . . . . . . . . . . . . . . . . . . . 9
13
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10


Similar Part No. - PDTB113E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTB113EK PHILIPS-PDTB113EK Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PDTB113EK NEXPERIA-PDTB113EK Datasheet
245Kb / 11P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kΩ, R2 = 1 kΩ
Rev. 02 - 16 November 2009
PDTB113EQA NEXPERIA-PDTB113EQA Datasheet
3Mb / 23P
   50 V, 500 mA PNP resistor-equipped transistors
PDTB113EQA NEXPERIA-PDTB113EQA Datasheet
2Mb / 24P
   50 V, 500 mA NPN resistor-equipped transistors
Rev. 1 - 4 February 2016
PDTB113EQA NEXPERIA-PDTB113EQA Datasheet
3Mb / 23P
   50 V, 500 mA PNP resistor-equipped transistors
Rev. 1 - 30 March 2016
More results

Similar Description - PDTB113E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTB113Z NXP-PDTB113Z Datasheet
138Kb / 10P
   PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
PDTD113E NXP-PDTD113E Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 1 k廓
v
PDTD113E PHILIPS-PDTD113E_15 Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 1 k廓
Rev. 02-16 November 2009
PDTB123E NXP-PDTB123E Datasheet
138Kb / 10P
   PNP 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 02-16 November 2009
PDTB123Y NXP-PDTB123Y Datasheet
138Kb / 10P
   PNP 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
logo
Nexperia B.V. All right...
PDTA113EMB NEXPERIA-PDTA113EMB Datasheet
755Kb / 13P
   PNP resistor-equipped transistor; R1 = 1 k廓, R2 = 1 k廓
logo
NXP Semiconductors
PDTD123Y NXP-PDTD123Y Datasheet
132Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
logo
Nexperia B.V. All right...
PDTA113ZMB NEXPERIA-PDTA113ZMB Datasheet
628Kb / 13P
   PNP resistor-equipped transistor; R1 = 1 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PDTD123Y PHILIPS-PDTD123Y_15 Datasheet
132Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors R1 = 2.2 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
PDTD123E NXP-PDTD123E Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 02-16 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com