Part Name
         Description
202166B

 SAW Bandpass Filter ( 5 Page)


ITF
100% 
Zoom Out Zoom In
   
 4 page
background image
SAW Bandpass Filter 202166B
Part No.
202166B
CH1
S21
LOG
10 dB/
REF -21.7 dB
CENTER
70. 000 000 MHz
SPAN
7. 000 000 MHz
Cor
PRm
2 Apr 2004 04:39:07
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
2. 743255
MHz
cent :
69. 974894
MHz
Q: 25. 508
1_loss : -21 . 835 dB
6. Typical Performance ( at +25℃ )
CH2
S21
LOG
1 dB/
REF -21.7 dB
Cor
PRm
CH4
S21
DEL
100 ns/
REF 2.8 us
CENTER
70. 000 000 MHz
SPAN
3. 000 000 MHz
Cor
Smo
2 Apr 2004 04:39:39
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW:
1. 656676
MHz
cent :
69. 976293
MHz
Q: 42. 239
1_loss : -21 . 839 dB
4
1
2
3
2: 24. 796 ns
1. 230 000 MHz
REF=3
CH4 Markers
mean : 2. 7495 us
s. dev : 32. 391 ns
p-p : 118 . 51 ns
Rev. Date
2004-04-07
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI2041-CS02
4/5



Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl