Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14802 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14802
Description  Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14802 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14802 Datasheet HTML 1Page - Maxim Integrated Products MAX14802 Datasheet HTML 2Page - Maxim Integrated Products MAX14802 Datasheet HTML 3Page - Maxim Integrated Products MAX14802 Datasheet HTML 4Page - Maxim Integrated Products MAX14802 Datasheet HTML 5Page - Maxim Integrated Products MAX14802 Datasheet HTML 6Page - Maxim Integrated Products MAX14802 Datasheet HTML 7Page - Maxim Integrated Products MAX14802 Datasheet HTML 8Page - Maxim Integrated Products MAX14802 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Low-Charge Injection, 16-Channel,
High-Voltage Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.5V, VPP = +40V to VNN + 250V, VNN = -40V to -160V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VPP = +40V, VNN = -160V, VCOM_ = 0
820
VPP = +100V, VNN = -100V, VCOM_ = 0
600
Charge Injection
Q
VPP = +160V, VNN = -40V, VCOM_ = 0
350
pC
LOGIC LEVELS
Logic-Input Low Voltage
VIL
0.75
V
Logic-Input High Voltage
VIH
VDD -
0.75
V
Logic-Output Low Voltage
VOL
ISINK = 1mA
0.4
V
Logic-Output High Voltage
VOH
ISOURCE = 0.75mA
VDD -
0.5
V
Logic-Input Capacitance
(Note 4)
CIN
10
pF
Logic-Input Leakage
IIN
-1
+1
µA
TIMING CHARACTERISTICS
(VDD = +2.7V to +5.5V, VPP = +40V to VNN + 200V, VNN = -40V to -160V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC TIMING (Figure 1)
VDD = +5V ±10%
20
CLK Frequency
fCLK
VDD = +3V ±10%
10
MHz
VDD = +5V ±10%
10
DIN to CLK Setup Time
tDS
VDD = +3V ±10%
16
ns
VDD = +5V ±10%
3
DIN to CLK Hold Time
tDH
VDD = +3V ±10%
3
ns
VDD = +5V ±10%
36
CLK to LE Setup Time
tCS
VDD = +3V ±10%
65
ns
VDD = +5V ±10%
14
LE Low-Pulse Width
tWL
VDD = +3V ±10%
22
ns
VDD = +5V ±10%
20
CLR High-Pulse Width
tWC
VDD = +3V ±10%
40
ns
VDD = +5V ±10%
50
CLK Rise and Fall Times
tR, tF
VDD = +3V ±10%
50
ns
VDD = +5V ±10%
6
42
CLK to DOUT Delay
tDO
VDD = +3V ±10%
12
80
ns
Note 2: All devices are 100% tested at TA = +70°C. Limits over the operating temperature range are guaranteed by design and
characterization.
Note 3: The analog signal input VCOM_ and VNO_ must satisfy VNN
≤ (VCOM_, VNO_) ≤ VPP, or remain unconnected during power-up
and power-down.
Note 4: Guaranteed by characterization; not production tested.


Similar Part No. - MAX14802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14802 MAXIM-MAX14802 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
More results

Similar Description - MAX14802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220_07 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
logo
Supertex, Inc
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601_V01 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com