Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14802 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX14802
Description  Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14802 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX14802 Datasheet HTML 4Page - Maxim Integrated Products MAX14802 Datasheet HTML 5Page - Maxim Integrated Products MAX14802 Datasheet HTML 6Page - Maxim Integrated Products MAX14802 Datasheet HTML 7Page - Maxim Integrated Products MAX14802 Datasheet HTML 8Page - Maxim Integrated Products MAX14802 Datasheet HTML 9Page - Maxim Integrated Products MAX14802 Datasheet HTML 10Page - Maxim Integrated Products MAX14802 Datasheet HTML 11Page - Maxim Integrated Products MAX14802 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Low-Charge Injection, 16-Channel,
High-Voltage Analog Switches
8
_______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
38
NO10
Analog Switch 10—Normally Open Terminal
39
COM9
Analog Switch 9—Common Terminal
40
NO9
Analog Switch 9—Normally Open Terminal
41
COM8
Analog Switch 8—Common Terminal
42
NO8
Analog Switch 8—Normally Open Terminal
43
NO7
Analog Switch 7—Normally Open Terminal
44
COM7
Analog Switch 7—Common Terminal
45
NO6
Analog Switch 6—Normally Open Terminal
46
COM6
Analog Switch 6—Common Terminal
47
NO5
Analog Switch 5—Normally Open Terminal
48
COM5
Analog Switch 5—Common Terminal
DIN
DN+1
DN-1
DN
50%
50%
50%
50%
50%
50%
50%
90%
10%
50%
tCS
tWL
tDS
tDH
tDO
tOFF
tWC
tON
50%
LE
CLK
DOUT
OFF
ON
SWITCH
CLR
Figure 1. Serial Interface Timing


Similar Part No. - MAX14802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14802 MAXIM-MAX14802 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
More results

Similar Description - MAX14802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220_07 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
logo
Supertex, Inc
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601_V01 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com