Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11045 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11045
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11045 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11045 Datasheet HTML 1Page - Maxim Integrated Products MAX11045 Datasheet HTML 2Page - Maxim Integrated Products MAX11045 Datasheet HTML 3Page - Maxim Integrated Products MAX11045 Datasheet HTML 4Page - Maxim Integrated Products MAX11045 Datasheet HTML 5Page - Maxim Integrated Products MAX11045 Datasheet HTML 6Page - Maxim Integrated Products MAX11045 Datasheet HTML 7Page - Maxim Integrated Products MAX11045 Datasheet HTML 8Page - Maxim Integrated Products MAX11045 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX11044/MAX11045/MAX1104616-bit ADCs
offer 4, 6, or 8 independent input channels. Featuring
independent track and hold (T/H) and SAR circuitry,
these parts provide simultaneous sampling at 250ksps
for each channel.
The MAX11044/MAX11045/MAX11046 accept a ±5V
input. All inputs are overrange protected with internal
±20mA input clamps providing overrange protection
with a simple external resistor. Other features include a
4MHz T/H input bandwidth, internal clock, and internal
or external reference. A 20MHz, 16-bit, bidirectional,
parallel interface provides the conversion results and
accepts digital configuration inputs.
The MAX11044/MAX11045/MAX11046 operate with a
4.75V to 5.25V analog supply and a separate flexible 2.7V
to 5.25V digital supply for interfacing with the host without a
level shifter. The MAX11044/MAX11045/MAX11046
are available in a 56-pin TQFN package and operate over
the extended -40°C to +85°C temperature range.
Applications
Automatic Test Equipment
Power-Factor Monitoring and Correction
Power-Grid Protection
Multiphase Motor Control
Vibration and Waveform Analysis
Features
♦ 4-/6-/8-Channel 16-Bit ADC
♦ Single Analog and Digital Supply
♦ High-Impedance Inputs Up to 1GΩ
♦ On-Chip T/H Circuit for Each Channel
♦ Fast 3µs Conversion Time
♦ High Throughput: 250ksps for All 8 Channels
♦ 16-Bit, High-Speed, Parallel Interface
♦ Internal Clocked Conversions
♦ 10ns Aperture Delay
♦ 100ps Channel-to-Channel T/H Matching
♦ Low Drift, Accurate 4.096V Internal Reference
Providing an Input Range of ±5V
♦ External Reference Range of 3.0V to 4.25V,
Allowing Full-Scale Input Ranges of ±4.0V to ±5.2V
♦ 56-Pin TQFN Package (8mm x 8mm)
♦ Evaluation Kit Available
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-5036; Rev 0; 10/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
PIN-PACKAGE
CHANNELS
MAX11044ETN+
56 TQFN-EP*
4
MAX11045ETN+
56 TQFN-EP*
6
MAX11046ETN+
56 TQFN-EP*
8
Note: All devices are specified over the -40°C to +85°C operating
temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
Functional Diagram
CLAMP
S/H
16-BIT ADC
CLAMP
S/H
16-BIT ADC
REF
BUF
CONFIGURATION
REGISTERS
INTERFACE
AND
CONTROL
BANDGAP
REFERENCE
CH0
AVDD
AGNDs
AGND
CH7
DB15
DB0
DB3
DB4
EOC
SHDN
CONVST
CS
RD
WR
DGND
DVDD
RDC
REFIO
INT REF
EXT REF
MAX11044
MAX11045
MAX11046
TOP VIEW
MAX11044
MAX11045
MAX11046
TQFN
8mm x 8mm
+
15
17
16
18
19
20
21
22
23
24
25
26
27
28
DB1
*EP
DB0
EOC
CONVST
SHDN
DVDD
DGND
RDC
AGNDS
AVDD
AGND
CH0
AGNDS
RDC
DB14
DB15
RD
CS
WR
DVDD
DGND
RDC
AGNDS
AVDD
AGND
CH7
AGNDS
RDC
48
47
46
45
44
43
54
53
56
55
52
51
50
49
1
2
3
4
5
6
7
8
9
10
11 121314
42 41 40 39 38 37 36 35 34 33 32 31 30 29
Pin Configuration
Patent pending.


Similar Part No. - MAX11045

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11045 MAXIM-MAX11045 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11045 MAXIM-MAX11045 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11045ECB++ MAXIM-MAX11045ECB+ Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11045ECB++ MAXIM-MAX11045ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11045ECB++ MAXIM-MAX11045ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
More results

Similar Description - MAX11045

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com