Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9972 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9972
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9972 Datasheet HTML 1Page - Maxim Integrated Products MAX9972 Datasheet HTML 2Page - Maxim Integrated Products MAX9972 Datasheet HTML 3Page - Maxim Integrated Products MAX9972 Datasheet HTML 4Page - Maxim Integrated Products MAX9972 Datasheet HTML 5Page - Maxim Integrated Products MAX9972 Datasheet HTML 6Page - Maxim Integrated Products MAX9972 Datasheet HTML 7Page - Maxim Integrated Products MAX9972 Datasheet HTML 8Page - Maxim Integrated Products MAX9972 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +8V, VSS = -5V, VL = +3V, VCOMPHI = +1V, VCOMPLO = 0V, VLDV_ = 0V, LOAD EN LOW = LOAD EN HIGH = 0, TJ = +75°C.
All temperature coefficients measured at TJ = +50°C to +100°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
COMPARATOR (Note 9)
DC CHARACTERISTICS (driver in high-impedance mode)
Input Voltage Range
-2.2
+5.2
V
Differential Input Voltage
VDUT_ - VCHV_,VDUT_ - VCLV_
-7.4
+7.4
V
Hysteresis
VCHV_ = VCLV_ = 1.5V
8
mV
A grade
±10
Input Offset Voltage
VDUT_ = 1.5V (VCOMPHI = 0.8V,
VCOMPLO = 0.2V)
B grade
±100
mV
Input Offset Temperature
Coefficient
25
μV/°C
Common-Mode Rejection Ratio
CMRR
VDUT_ = 0 and 3V
60
dB
VDUT_ = 1.5V
±5
Linearity Error (Note 10)
VDUT_ = -2.2V, +5.2V
±10
mV
Power-Supply Rejection Ratio
PSRR
VDUT_ = 1.5V, supplies independently
varied over full range
5
mV/V
AC CHARACTERISTICS (Note 11)
Terminated (Note 12)
500
Equivalent Input Bandwidth
High impedance (Note 13)
300
MHz
Propagation Delay
3.9
ns
Prop-Delay Temperature
Coefficient
4
ps/°C
Prop-Delay Match, tLH to tHL
120
ps
Prop-Delay Skew, Comparators
Within Package
Same edges (LH and HL)
200
ps
0 to 4.9V
20
Prop-Delay Dispersions vs.
Common-Mode Voltage
(Note 14)
-1.9V to +4.9V
30
ps
Prop-Delay Dispersions vs.
Overdrive
VCHV_ = VCLV_ = 0.1V to 0.9V,
VDUT_ = 1VP-P, tR = tF = 500ps, 10% to
90% relative to timing at 50% point
220
ps
Prop-Delay Dispersions vs.
Pulse Width
2ns to 23ns pulse width, relative to 12.5ns
pulse width
±60
ps
Prop-Delay Dispersions vs.
Slew Rate
0.5V/ns to 2V/ns
50
ps


Similar Part No. - MAX9972

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9972 MAXIM-MAX9972 Datasheet
431Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
MAX9972 MAXIM-MAX9972 Datasheet
407Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 9; 10/11
MAX9972ACCS MAXIM-MAX9972ACCS Datasheet
431Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
MAX9972 MAXIM-MAX9972_11 Datasheet
431Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
MAX9972_1110 MAXIM-MAX9972_1110 Datasheet
407Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 9; 10/11
More results

Similar Description - MAX9972

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9972_1110 MAXIM-MAX9972_1110 Datasheet
407Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 9; 10/11
MAX9972 MAXIM-MAX9972_11 Datasheet
431Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
   Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
MAX9963 MAXIM-MAX9963 Datasheet
744Kb / 25P
   Quad, Low-Power, 500Mbps ATE Driver/Comparator
Rev 1; 1/04
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
   Low power quad voltage comparators
ver.07
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
STMicroelectronics
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
   Low-power quad voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com