Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

203415B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 203415B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

203415B Datasheet(HTML) 5 Page - Integrated Technology Future

  203415B Datasheet HTML 1Page - Integrated Technology Future 203415B Datasheet HTML 2Page - Integrated Technology Future 203415B Datasheet HTML 3Page - Integrated Technology Future 203415B Datasheet HTML 4Page - Integrated Technology Future 203415B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 203415B
Part No.
203415B
CH1
CH1
S21
LOG
10 dB/
REF -23.62 dB
CENTER 175 . 005 000 MHz
SPAN 300 . 000 000 MHz
29 Apr 2004 09:39:41
1
1: -23 . 464 dB
80. 000 000 MHz
Rev. Date
2004-04-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI1028-CS01
5/5
S21
LOG
1 dB/
REF -23.48 dB
Cor
CH2
S21
LOG
1 dB/
REF -24.07 dB
CENTER
80. 000 000 MHz
SPAN
12. 000 000 MHz
Cor
29 Apr 2004 09:34:19
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
9. 612627
MHz
cent :
79. 985899
MHz
Q: 8. 3209
1_loss : -23 . 603 dB
2
3
3: - . 11720 dB
9. 350 000 MHz
REF=2
CH2 Markers
mean : -23 . 709 dB
s. dev : . 14280
dB
p-p : . 64760
dB
CH1
S11
SWR
5 /
REF 5.576
CENTER
80. 000 000 MHz
SPAN
28. 000 000 MHz
Cor
CH2
SWR
5 /
REF 7.431
Cor
S22
29 Apr 2004 09:36:16
1
1: 5. 5730
80. 000 000 MHz
2
2: 7. 4531
80. 000 000 MHz
CH1
S11
1 U FS
Cor
CH2
S22
1 U FS
CENTER
80. 000 000 MHz
SPAN
28. 000 000 MHz
Cor
29 Apr 2004 09:36:23
1
1: 59. 621
105 . 36
209 . 61 nH
80. 000 000 MHz
2
2: 13. 512
-49 . 498
40. 192 pF
80. 000 000 MHz


Similar Part No. - 203415B

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
203415 ERNI-203415 Datasheet
49Kb / 2P
   MOD JACK - MJIM
More results

Similar Description - 203415B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com