Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9931EUA+T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9931EUA+T
Description  2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9931EUA+T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9931EUA+T Datasheet HTML 6Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 7Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 8Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 9Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 10Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 11Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 12Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 13Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2MHz to 1.6GHz 45dB RF-Detecting
Controllers and RF Detector
10
______________________________________________________________________________________
10
______________________________________________________________________________________
OUTPUT-
ENABLED
DELAY
DET
DET
DET
DET
10dB
REFERENCE
CURRENT
OFFSET
COMP
SHDN
OUT
*INVERTING VOLTAGE TO CURRENT CONVERTER
CLPF
SET
RFIN
GND
VCC
DET
10dB
10dB
10dB
X1
V-I*
OUTPUT-
ENABLED
DELAY
DET
DET
DET
DET
10dB
REFERENCE
CURRENT
OFFSET
COMP
SHDN
OUT
CLPF
RFIN
GND
VCC
DET
10dB
10dB
10dB
X1
V-I*
MAX9933
MAX9930
MAX9931
MAX9932
gm
gm
Figure 1. Functional Diagram
Pin Description
PIN
MAX9930/
MAX9931/
MAX9932
MAX9933
NAME
FUNCTION
1
1
RFIN
RF Input
22
SHDN
Shutdown. Connect to VCC for normal operation.
3
SET
Set-Point Input
4
4
CLPF
Lowpass Filter Connection. Connect external capacitor between CLPF and GND to set
control-loop bandwidth.
5
3, 5
GND
Ground
6
6
N.C.
No Connection. Not internally connected.
7
7
OUT
PA Gain-Control Output
88
VCC
Supply Voltage. Bypass to GND with a 0.1µF capacitor.


Similar Part No. - MAX9931EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9931EUA+T MAXIM-MAX9931EUA+T Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9931EUA+T MAXIM-MAX9931EUA+T Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
More results

Similar Description - MAX9931EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930 Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
MAX4003 MAXIM-MAX4003 Datasheet
415Kb / 12P
   100MHz to 2500MHz, 45dB RF Detector in a UCSP
Rev 1; 3/03
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com