Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9860 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9860
Description  16-Bit Mono Audio Voice Codec
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9860 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9860 Datasheet HTML 7Page - Maxim Integrated Products MAX9860 Datasheet HTML 8Page - Maxim Integrated Products MAX9860 Datasheet HTML 9Page - Maxim Integrated Products MAX9860 Datasheet HTML 10Page - Maxim Integrated Products MAX9860 Datasheet HTML 11Page - Maxim Integrated Products MAX9860 Datasheet HTML 12Page - Maxim Integrated Products MAX9860 Datasheet HTML 13Page - Maxim Integrated Products MAX9860 Datasheet HTML 14Page - Maxim Integrated Products MAX9860 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
16-Bit Mono Audio Voice Codec
______________________________________________________________________________________
11
0dBFS FFT (MICL TO ADC)
FREQUENCY (kHz)
3
2
1
-120
-100
-80
-60
-40
-20
0
20
-140
04
MCLK = 13MHz
LRCLK = 8kHz
PLL ENABLED
-60dBFS FFT (MICL TO ADC)
FREQUENCY (kHz)
3
2
1
-120
-100
-80
-60
-40
-20
0
20
-140
04
MCLK = 13MHz
LRCLK = 8kHz
PLL ENABLED
0dBFS FFT (MICL TO ADC)
FREQUENCY (kHz)
15
10
5
-120
-100
-80
-60
-40
-20
0
20
-140
020
MCLK = 12.288MHz
LRCLK = 48kHz
PLL DISABLED
-60dBFS FFT (MICL TO ADC)
FREQUENCY (kHz)
15
10
5
-120
-100
-80
-60
-40
-20
0
20
-140
020
MCLK = 12.288MHz
LRCLK = 48kHz
PLL DISABLED
-5dBFS WIDEBAND FFT (DAC TO HP)
FREQUENCY (kHz)
1000
100
10
1
-80
-60
-40
-20
0
20
-100
0.1
10,000
MCLK = 13MHz
LRCLK = 8kHz
PLL DISABLED
RL = 32
Ω
-60dBFS WIDEBAND FFT (DAC TO HP)
FREQUENCY (kHz)
1000
100
10
1
-80
-60
-40
-20
0
20
-100
0.1
10,000
MCLK = 13MHz
LRCLK = 8kHz
PLL DISABLED
RL = 32
Ω
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.90
1.85
1.80
1.75
1.70
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1.65
1.95
IAVDD
IDVDD + IDVDDIO
FULL-DUPLEX 8kHz MODE
DAC DIGITAL FILTER
FREQUENCY RESPONSE, 8kHz
FREQUENCY (kHz)
1
0.1
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-90
0.01
10
ELLIPTICAL FOR 8kHz GSM WITH
NOTCH AT 217Hz
ADC DIGITAL FILTER
FREQUENCY RESPONSE, 8kHz
FREQUENCY (kHz)
1
0.1
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-90
0.01
10
ELLIPTICAL FOR 8kHz GSM WITH
NOTCH AT 217Hz
Typical Operating Characteristics (continued)
(VAVDD = +1.8V, VDVDD = VDVDDIO = +1.8V, RL =
∞, headphone load (RL) connected between OUTP and OUTN, CREF = 2.2µF,
CPREG = CREG = 1µF, CMICBIAS = 1µF AVMICPGA = 0dB, AVPRE = +20dB, MCLK = 13MHz, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9860

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
   16-Bit Mono Audio Voice Codec
Rev 0; 10/08
MAX9860 MAXIM-MAX9860 Datasheet
4Mb / 21P
   Evaluation Kit
Rev 0; 12/09
MAX9860 MAXIM-MAX9860 Datasheet
4Mb / 21P
   On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
MAX9860ETG++ MAXIM-MAX9860ETG+ Datasheet
920Kb / 39P
   16-Bit Mono Audio Voice Codec
Rev 0; 10/08
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
   On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
More results

Similar Description - MAX9860

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
   16-Bit Mono Audio Voice Codec
Rev 2; 2/12
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
   16-Bit Mono Audio Voice Codec
Rev 0; 10/08
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Cirrus Logic
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
   16-Bit Stereo Audio Codec
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
logo
Nuvoton Technology Corp...
NAU8811 NUVOTON-NAU8811 Datasheet
2Mb / 87P
   Mono Audio Codec with SPI
logo
Suzhou Everest Semicond...
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
   Low Power Mono Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com