Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9728B Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9728B
Description  60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9728B Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9728B Datasheet HTML 6Page - Maxim Integrated Products MAX9728B Datasheet HTML 7Page - Maxim Integrated Products MAX9728B Datasheet HTML 8Page - Maxim Integrated Products MAX9728B Datasheet HTML 9Page - Maxim Integrated Products MAX9728B Datasheet HTML 10Page - Maxim Integrated Products MAX9728B Datasheet HTML 11Page - Maxim Integrated Products MAX9728B Datasheet HTML 12Page - Maxim Integrated Products MAX9728B Datasheet HTML 13Page - Maxim Integrated Products MAX9728B Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Lineout Amplifier and Filter Block
The MAX9728A can be used as an audio line driver
capable of providing 2VRMS into 10k
Ω loads with a sin-
gle 5V supply (see Figure 3 for the RMS Output Voltage
vs. Supply Voltage plot). 2VRMS is a popular audio line
level, first used in CD players, but now common in DVD
and set-top box (STB) interfacing standards. A 2VRMS
sinusoidal signal equates to approximately 5.7VP-P,
which means that the audio system designer cannot
simply run the lineout stage from a (typically common)
5V supply—the resulting output swing would be inade-
quate. A common solution to this problem is to use op
amps driven from split supplies (±5V typically), or to use
a high-voltage supply rail (9V to 12V). This can mean
adding extra cost and complexity to the system power
supply to meet this output level requirement. Having the
ability to derive 2VRMS from a 5V supply can often sim-
plify power-supply design in some systems.
When the MAX9728A is used as a line driver to provide
outputs that feed stereo equipment (receivers, STBs,
notebooks, and desktops) with a digital-to-analog con-
verter (DAC) used as an audio input source, it is often
desirable to eliminate any high-frequency quantization
noise produced by the DAC output before it reaches
the load. This high-frequency noise can cause the input
stages of the line-in equipment to exceed slew-rate lim-
itations or create excessive EMI emissions on the
cables between devices.
To suppress this noise, and to provide a 2VRMS stan-
dard audio output level from a single 5V supply, the
MAX9728A can be configured as a line driver and
active lowpass filter. Figure 4 shows the MAX9728A
connected as 2-pole Rauch/multiple feedback filter with
a passband gain of 6dB and a -3dB (below passband)
cutoff frequency of approximately 27kHz (see Figure 5
for the Gain vs. Frequency plot).
Layout and Grounding
Proper layout and grounding are essential for optimum
performance. Connect PGND and SGND together at a
single point on the PC board. Connect PVSS to SVSS
and bypass with a 1µF capacitor. Place the power-sup-
ply bypass capacitor and the charge-pump hold
capacitor as close to the MAX9728 as possible. Route
PGND and all traces that carry switching transients
away from SGND and the audio signal path. The thin
QFN package features an exposed paddle that
improves thermal efficiency. Ensure that the exposed
paddle is electrically isolated from PGND, SGND,
and VDD. Connect the exposed paddle to SVSS only
when the board layout dictates that the exposed
paddle cannot be left floating.
60mW, DirectDrive, Stereo Headphone
Amplifiers with Shutdown
10
______________________________________________________________________________________
LEFT
AUDIO
INPUT
RIGHT
AUDIO
INPUT
OUTL
INL
INR
OUTR
MAX9728A
RIN
RIN
RF
RF
Figure 2. Gain Setting for the MAX9728A
RMS OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
2.5
4.5
5.5
fIN = 1kHz
RL = 10k
Ω
1% THD+N
RL = 1k
Ω
1% THD+N
Figure 3. RMS Output Voltage vs. Supply Voltage


Similar Part No. - MAX9728B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9728B MAXIM-MAX9728B Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9728BETC MAXIM-MAX9728BETC Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728BETC++ MAXIM-MAX9728BETC+ Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9728BEUD MAXIM-MAX9728BEUD Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728BEUD++ MAXIM-MAX9728BEUD+ Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results

Similar Description - MAX9728B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724A MAXIM-MAX9724A_09 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9722A MAXIM-MAX9722A_07 Datasheet
498Kb / 21P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
MAX9722A MAXIM-MAX9722A Datasheet
627Kb / 20P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 0; 10/03
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com