Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9728A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9728A
Description  60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9728A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9728A Datasheet HTML 1Page - Maxim Integrated Products MAX9728A Datasheet HTML 2Page - Maxim Integrated Products MAX9728A Datasheet HTML 3Page - Maxim Integrated Products MAX9728A Datasheet HTML 4Page - Maxim Integrated Products MAX9728A Datasheet HTML 5Page - Maxim Integrated Products MAX9728A Datasheet HTML 6Page - Maxim Integrated Products MAX9728A Datasheet HTML 7Page - Maxim Integrated Products MAX9728A Datasheet HTML 8Page - Maxim Integrated Products MAX9728A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
60mW, DirectDrive, Stereo Headphone
Amplifiers with Shutdown
_______________________________________________________________________________________
5
0
-120
10
100
10k
100k
POWER-SUPPLY REJECTION
RATIO vs. FREQUENCY
-100
-80
-40
-60
-20
FREQUENCY (Hz)
1k
RL = 32
Ω
VDD = 5V
0
-120
10
100
10k
100k
CROSSTALK vs. FREQUENCY
-100
-80
-40
-60
-20
FREQUENCY (Hz)
1k
RIGHT TO LEFT
LEFT TO RIGHT
POUT = 15mW
RL = 16
Ω
20
40
30
60
50
70
80
0
200
300
100
50
150
250
OUTPUT POWER vs. LOAD RESISTANCE
AND CHARGE-PUMP CAPACITOR SIZE
LOAD RESISTANCE (
Ω)
C1 = C2 = 2.2
μF
C1 = C2 = 1
μF
C1 = C2 = 0.47
μF
VDD = 5V
fIN = 1kHz
THD+N = 1%
3.20
3.25
3.40
3.30
3.45
3.35
3.50
4.5
5.0
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NO LOAD INPUTS GROUND
0
3
1
7
5
9
2
6
4
8
10
4.5
5.0
5.5
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NO LOAD INPUTS GROUND
100
0
10
100
1000
OUTPUT POWER
vs. LOAD RESISTANCE
10
LOAD RESISTANCE (
Ω)
30
20
50
70
90
40
60
80
VDD = 5V
fIN = 1kHz
THD+N = 10%
THD+N = 1%
Typical Operating Characteristics (continued)
(VDD = 5V, PGND = SGND = 0V, SHDN = VDD, C1 = C2 = 1µF, RL =
∞, gain = -1.5V/V (RIN = 20kΩ, RF = 30kΩ for the MAX9728A),
THD+N measurement bandwidth = 22Hz to 22kHz, both outputs driven in phase, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9728A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9728A MAXIM-MAX9728A Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9728AETC MAXIM-MAX9728AETC Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728AETC++ MAXIM-MAX9728AETC+ Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728AEUD MAXIM-MAX9728AEUD Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
More results

Similar Description - MAX9728A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724A MAXIM-MAX9724A_09 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9722A MAXIM-MAX9722A_07 Datasheet
498Kb / 21P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
MAX9722A MAXIM-MAX9722A Datasheet
627Kb / 20P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 0; 10/03
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com