Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

201121B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 201121B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

201121B Datasheet(HTML) 5 Page - Integrated Technology Future

  201121B Datasheet HTML 1Page - Integrated Technology Future 201121B Datasheet HTML 2Page - Integrated Technology Future 201121B Datasheet HTML 3Page - Integrated Technology Future 201121B Datasheet HTML 4Page - Integrated Technology Future 201121B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 201121B
Part No.
201121B
CH1
CH1
S 21
log MAG
10 dB/
REF -24.68 dB
START
.010 000 MHz
STOP 300.000 000 MHz
PRm
2 Feb 2004 18:40:27
1
1_:-24.685 dB
70.000 000 MHz
S 21
log MAG
1 dB/
REF -23.77 dB
Rev. Date
2004-04-22
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI0022-CS03
5/5
Cor
PRm
CH2
log MAG
REF -23.69 dB
1 dB/
CENTER 70.000 000 MHz
SPAN
6.000 000 MHz
Cor
S 21
PRm
2 Feb 2004 18:38:19
1
1
2
3
4
1_ 0
dB
0.000 000 MHz
REF=1
BW:
4.823 000 MHz
cent: 70.031047 MHz
Q: 14.52
1_ loss: -23.766 dB
2
2
3
3_: .3710 dB
4.400 000 MHz
REF=2
mean:-23.879 dB
s.dev: .2019 dB
p-p: .7865 dB
CH1
S 11
SWR
1 /
REF 5.192
CENTER 70.000 000 MHz
SPAN 16.000 000 MHz
Cor
PRm
CH2
SWR
REF 3.39
1 /
Cor
S 22
PRm
2 Feb 2004 18:39:48
1
1
1_: 5.1948
70.000 000 MHz
2
2
2_ 3.3862
70.000 000 MHz
CH1
S 11
1 U FS
Cor
PRm
CH2
S 22
1 U FS
CENTER 70.000 000 MHz
SPAN 16.000 000 MHz
Cor
PRm
2 Feb 2004 18:39:58
1
1_ 165.84
120.85
274.77 nH
70.000 000 MHz
2
2_: 43.189
-59.896
37.96 pF
70.000 000 MHz


Similar Part No. - 201121B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2011260001 MOLEX-2011260001 Datasheet
39Kb / 1P
   50 Ohms, FAKRA Jack, Right-Angle, Through-Hole, Gold (Au) Plated Contacts, Keying Option A, Black, Tape and Reel
2011260002 MOLEX-2011260002 Datasheet
38Kb / 1P
   50 Ohms, FAKRA Jack, Right-Angle, Through-Hole, Gold (Au) Plated Contacts, Keying Option B, Cream White, Tape and Reel
2011260003 MOLEX-2011260003 Datasheet
39Kb / 1P
   50 Ohms, FAKRA Jack, Right-Angle, Through-Hole, Gold (Au) Plated Contacts, Keying Option C, Blue, Tape and Reel
2011260004 MOLEX-2011260004 Datasheet
40Kb / 1P
   50 Ohms, FAKRA Jack, Right-Angle, Through-Hole, Gold (Au) Plated Contacts, Keying Option D, Bordeaux Violet, Tape and Reel
2011260005 MOLEX-2011260005 Datasheet
40Kb / 1P
   50 Ohms, FAKRA Jack, Right-Angle, Through-Hole, Gold (Au) Plated Contacts, Keying Option E, Green, Tape and Reel
More results

Similar Description - 201121B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com