Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6899PAZT+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6899PAZT+
Description  Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6899PAZT+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6899PAZT+ Datasheet HTML 7Page - Maxim Integrated Products MAX6899PAZT+ Datasheet HTML 8Page - Maxim Integrated Products MAX6899PAZT+ Datasheet HTML 9Page - Maxim Integrated Products MAX6899PAZT+ Datasheet HTML 10Page - Maxim Integrated Products MAX6899PAZT+ Datasheet HTML 11Page - Maxim Integrated Products MAX6899PAZT+ Datasheet HTML 12Page - Maxim Integrated Products MAX6899PAZT+ Datasheet HTML 13Page - Maxim Integrated Products MAX6899PAZT+ Datasheet HTML 14Page - Maxim Integrated Products MAX6899PAZT+ Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Ultra-Small, Adjustable
Sequencing/Supervisory Circuits
______________________________________________________________________________________
11
Pullup Resistor Values
(MAX6897/MAX6898)
The exact value of the pullup resistors for the open-
drain outputs is not critical, but some consideration
should be made to ensure the proper logic levels when
the device is sinking current. For example, if VCC =
2.25V and the pullup voltage is 28V, you would try to
keep the sink current less than 0.5mA as shown in the
Electrical Characteristics table. As a result, the pullup
resistor should be greater than 56k
Ω. For a 12V pullup,
the resistor should be larger than 24k
Ω. It should be
noted that the ability to sink current is dependent on the
VCC supply voltage.
Typical Application Circuits
Figures 8, 9, 10 show typical applications for the
MAX6895–MAX6899. Figure 8 shows the MAX6895
used with a p-channel MOSFET in an overvoltage pro-
tection circuit. Figure 9 shows the MAX6895 in a low-
voltage sequencing application using an n-channel
MOSFET. Figure 10 shows the MAX6895 used in a mul-
tiple-output sequencing application.
Using an n-Channel Device for Sequencing
In higher power applications, using an n-channel device
reduces the loss across the MOSFETs as it offers a
lower drain-to-source on-resistance. However, an n-
channel MOSFET requires a sufficient VGS voltage to
fully enhance it for a low RDS_ON. The application in
Figure 9 shows the MAX6895 in a switch sequencing
application using an n-channel MOSFET.
Similarly, if a higher voltage is present in the system, the
open-drain version can be used in the same manner.
Figure 8. Overvoltage Protection
MAX6897
ENABLE
GND
VCC
P
3.3V ALWAYS ON
OUT
R1
0 TO 28V
RPULLUP
R2
IN
CDELAY
MAX6895
ENABLE
GND
VCC
5V BUS
OUT
R1
R2
IN
CDELAY
CCDELAY
1.2V INPUT
1.2V OUTPUT
N
MONITORED
3.3V
Figure 9. Low-Voltage Sequencing Using an n-Channel MOSFET


Similar Part No. - MAX6899PAZT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6890ETI MAXIM-MAX6890ETI Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6891ETP MAXIM-MAX6891ETP Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892 Datasheet
1Mb / 14P
   Proven PC Board Layout
Rev 3; 3/21
MAX6892ETJ MAXIM-MAX6892ETJ Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
More results

Similar Description - MAX6899PAZT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com