Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8893BEWV+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8893BEWV+
Description  μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8893BEWV+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8893BEWV+ Datasheet HTML 1Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 2Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 3Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 4Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 5Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 6Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 7Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 8Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
µPMICs for Multimedia Application Processors
in a 3.0mm x 2.5mm WLP
_______________________________________________________________________________________ 3
ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, VIN = 3.7V, CBATT = CIN1 = CIN2 = 2.2FF, CREFBP = 0.1FF, TA = -40NC to +85NC, unless otherwise noted.
Typical values are at TA = +25NC.) (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Logic Input Current
SDA, SCL, 0V < VIN < 5.5V
TA = +25NC
-1
+1
F
A
TA = +85NC
0.1
ENUSB Pullup Resistor to BATT
400
800
1600
kI
ENLS, ENBUCK, ENLDO1,
ENLDO2, ENLDO3, ENLDO45,
Pulldown Resistor to AGND
400
800
1600
kI
STEP-DOWN DC-DC CONVERTER (BUCK)
Supply Current
ILOAD = 0A, no switching
25
F
A
Programmable Output Voltage
ILOAD = 100mA, programmable output voltage 0.8V to
2.4V in 100mV steps
0.776
0.800
0.824
V
0.90
0.97
1.00
1.03
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.10
2.20
2.231
2.300
2.369
2.328
2.400
2.472
Output-Voltage Line Regulation
VIN = 2.7V to 5.5V
0.3
%/V
LX Leakage Current
VLX = 0V or 5.5V
TA = +25NC
-1
+1
F
A
TA = +85NC
0.1
Current Limit
p-MOSFET switch
600
990
1500
mA
n-MOSFET rectifier
400
700
1300
On-Resistance
p-MOSFET switch, ILX = -40mA
0.65
I
n-MOSFET rectifier, ILX = 40mA
0.4
Rectifier Off Current Threshold
ILXOFF
30
mA
Minimum On- and Off-Times
tON, tOFF
70
ns
Shutdown Output Resistance
BUCK_ADEN = 1, VENBUCK = 0V
300
I


Similar Part No. - MAX8893BEWV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893BEWV++ MAXIM-MAX8893BEWV+ Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
MAX8893BEWV++ MAXIM-MAX8893BEWV+ Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
More results

Similar Description - MAX8893BEWV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893A MAXIM-MAX8893A_10 Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
MAX8893CEWVT MAXIM-MAX8893CEWVT Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
logo
LUMEX INC.
CCL-CRS10SR-G LUMEX-CCL-CRS10SR-G Datasheet
186Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10UPG LUMEX-CCL-CRS10UPG Datasheet
175Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10USB-A LUMEX-CCL-CRS10USB-A Datasheet
174Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y LUMEX-CCL-CRS10Y Datasheet
180Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y-G LUMEX-CCL-CRS10Y-G Datasheet
181Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
SML-LX2530SRELC-TR LUMEX-SML-LX2530SRELC-TR Datasheet
67Kb / 1P
   3.0mm X 2.5mm SURFACE MOUNT LED
CCL-CRS10SA LUMEX-CCL-CRS10SA Datasheet
177Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10SG LUMEX-CCL-CRS10SG Datasheet
182Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com