Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6898AALT+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6898AALT+T
Description  Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6898AALT+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6898AALT+T Datasheet HTML 1Page - Maxim Integrated Products MAX6898AALT+T Datasheet HTML 2Page - Maxim Integrated Products MAX6898AALT+T Datasheet HTML 3Page - Maxim Integrated Products MAX6898AALT+T Datasheet HTML 4Page - Maxim Integrated Products MAX6898AALT+T Datasheet HTML 5Page - Maxim Integrated Products MAX6898AALT+T Datasheet HTML 6Page - Maxim Integrated Products MAX6898AALT+T Datasheet HTML 7Page - Maxim Integrated Products MAX6898AALT+T Datasheet HTML 8Page - Maxim Integrated Products MAX6898AALT+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Ultra-Small, Adjustable
Sequencing/Supervisory Circuits
_______________________________________________________________________________________
5
Pin Description
PIN
MAX6895/
MAX6897
MAX6896/
MAX6898
MAX6899
µDFN
THIN
SOT23
µDFN
THIN
SOT23
µDFN
THIN
SOT23
NAME
FUNCTION
1
1
ENABLE
Active-High Logic-Enable Input. Drive ENABLE low to
immediately deassert the output to its false state (OUT = low or
OUT = high) independent of VIN. With VIN above VTH, drive
ENABLE high to assert the output to its true state (OUT = high
or OUT = low) after the adjustable delay period (MAX689_A) or
a 150ns propagation delay (MAX689_P).
——
1
1
1
1
ENABLE
Active-Low Logic-Enable Input. Drive ENABLE high to
immediately deassert the output to its false state (OUT = low or
OUT = high) independent of VIN. With VIN above VTH, drive
ENABLE low to assert the output to its true state (OUT = high or
OUT = low) after the adjustable delay period (MAX689_A) or a
150ns propagation delay (MAX689_P).
2
2
2
2
2
2
GND
Ground
33
33
3
3
IN
High-Impedance Monitor Input. Connect IN to an external
resistive divider to set the desired monitored threshold. The
output changes state when VIN rises above 0.5V and when VIN
falls below 0.495V.
4
4
4
4
OUT
Active-High Sequencer/Monitor Output, Push-Pull
(MAX6895/MAX6899) or Open-Drain (MAX6897). OUT is
asserted to its true state (OUT = high) when VIN is above VTH
and the enable input is in its true state (ENABLE = high or
ENABLE = low) for the capacitor-adjusted delay period. OUT is
deasserted to its false state (OUT = low) immediately after VIN
drops below VTH - 5mV or the enable input is in its false state
(ENABLE = low or ENABLE = high). The open-drain version
requires an external pullup resistor.
——
4
4
OUT
Active-Low Sequencer/Monitor Output, Push-Pull (MAX6896) or
Open-Drain (MAX6898). OUT is asserted to its true state (OUT =
low) when VIN is above VTH and the enable input is in its true state
(ENABLE = high or ENABLE = low) after the CDELAY adjusted
timeout period. OUT is deasserted to its false state (OUT = high)
immediately after VIN drops below VTH - 5mV or the enable input
is in its false state (ENABLE = low or ENABLE = high). The open-
drain version requires an external pullup resistor.
5
6
5
6
5
6
CDELAY
Capacitor-Adjustable Delay. Connect an external capacitor
(CCDELAY) from CDELAY to GND to set the IN to OUT (and
ENABLE to OUT or ENABLE to OUT for A version devices)
delay period. tDELAY = (CCDELAY x 4.0 x 10
6) + 40µs. There is a
fixed short delay (40µs, typ) for the output deasserting when VIN
falls below VTH.
65
65
6
5
VCC
Supply Voltage Input. Connect a 1.5V to 5.5V supply to VCC to
power the device. For noisy systems, bypass with a 0.1µF
ceramic capacitor to GND.


Similar Part No. - MAX6898AALT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6890ETI MAXIM-MAX6890ETI Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6891ETP MAXIM-MAX6891ETP Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892 Datasheet
1Mb / 14P
   Proven PC Board Layout
Rev 3; 3/21
MAX6892ETJ MAXIM-MAX6892ETJ Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
More results

Similar Description - MAX6898AALT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com