Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6897AALT+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6897AALT+T
Description  Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6897AALT+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6897AALT+T Datasheet HTML 3Page - Maxim Integrated Products MAX6897AALT+T Datasheet HTML 4Page - Maxim Integrated Products MAX6897AALT+T Datasheet HTML 5Page - Maxim Integrated Products MAX6897AALT+T Datasheet HTML 6Page - Maxim Integrated Products MAX6897AALT+T Datasheet HTML 7Page - Maxim Integrated Products MAX6897AALT+T Datasheet HTML 8Page - Maxim Integrated Products MAX6897AALT+T Datasheet HTML 9Page - Maxim Integrated Products MAX6897AALT+T Datasheet HTML 10Page - Maxim Integrated Products MAX6897AALT+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Monitor Input (IN)
Connect the center point of a resistive divider to IN to
monitor external voltages (see R1 and R2 of the Typical
Operating Circuit). IN has a rising threshold of VTH =
0.5V and a falling threshold of 0.495V (5mV hysteresis).
When VIN rises above VTH and ENABLE is high (or
ENABLE is low) OUT goes high (OUT goes low) after
the programmed tDELAY period. When VIN falls below
0.495V, OUT goes low (OUT goes high) after a 16µs
delay. IN has a maximum input current of 15nA so
large-value resistors are permitted without adding sig-
nificant error to the resistive divider.
Adjustable Delay (CDELAY)
When VIN rises above VTH with ENABLE high (ENABLE
low), the internal 250nA current source begins charging
an external capacitor connected from CDELAY to GND.
When the voltage at CDELAY reaches 1V, the output
asserts (OUT goes high or OUT goes low). When the
output asserts, CCDELAY is immediately discharged.
Adjust the delay (tDELAY) from when VIN rises above
VTH (with ENABLE high or ENABLE low) to OUT going
high (OUT going low) according to the equation:
tDELAY = CCDELAY x 4.0 x 106 + 40µs
where CCDELAY is the external capacitor from CDELAY
to GND.
For adjustable delay devices (A version), when VIN >
0.5V and ENABLE goes from low to high (ENABLE
goes from high to low) the output asserts after a tDELAY
period. For nonadjustable delay devices (P version)
there is a 1µs propagation delay from when the enable
input is asserted to when the output asserts. Figures 2
through 5 show the timing diagrams for the adjustable
and fixed delay versions, respectively.
Ultra-Small, Adjustable
Sequencing/Supervisory Circuits
_______________________________________________________________________________________
7
Figure 2. MAX6895A/MAX6897A Timing Diagram
VCC
VUVLO
VTH
VTH
tPROPA
tDL
tOFF
tDELAY
t < tPROPA
tPROPA
IN
ENABLE
OUT


Similar Part No. - MAX6897AALT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6890ETI MAXIM-MAX6890ETI Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6891ETP MAXIM-MAX6891ETP Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892 Datasheet
1Mb / 14P
   Proven PC Board Layout
Rev 3; 3/21
MAX6892ETJ MAXIM-MAX6892ETJ Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
More results

Similar Description - MAX6897AALT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com