Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

881D252 Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 881D252
Description  SAW Delay-Line
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

881D252 Datasheet(HTML) 5 Page - Integrated Technology Future

  881D252 Datasheet HTML 1Page - Integrated Technology Future 881D252 Datasheet HTML 2Page - Integrated Technology Future 881D252 Datasheet HTML 3Page - Integrated Technology Future 881D252 Datasheet HTML 4Page - Integrated Technology Future 881D252 Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Delay-Line 881D252
Part No.
881D252
Rev. Date
2004-05-27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
ND1004-CS02
CH1
S21
LOG
10 dB/
REF -29.5 dB
CENTER 881 . 500 000 MHz
SPAN 150 . 000 000 MHz
Cor
Smo
27 May 2004 09:25:57
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
60. 953922
MHz
cent
: 884 . 234046
MHz
Q: 14. 507
1_loss : -29 . 575 dB
CH1
S11
1 U FS
Smo
CH3
S22
1 U FS
CENTER 881 . 500 000 MHz
SPAN 150 . 000 000 MHz
Smo
27 May 2004 09:26:34
1
1: 20. 447
-29 . 701
6. 0789 pF
881 . 500 000 MHz
2
2: 35. 789
-33 . 365
5. 4113 pF
881 . 500 000 MHz


Similar Part No. - 881D252

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
881D251 ITF-881D251 Datasheet
152Kb / 5P
   SAW Delay-Line
881D253 ITF-881D253 Datasheet
155Kb / 5P
   SAW Delay-Line
More results

Similar Description - 881D252

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
160D252 ITF-160D252 Datasheet
149Kb / 5P
   SAW Delay-Line
881D251 ITF-881D251 Datasheet
152Kb / 5P
   SAW Delay-Line
836D253 ITF-836D253 Datasheet
221Kb / 5P
   SAW Delay-Line
881D253 ITF-881D253 Datasheet
155Kb / 5P
   SAW Delay-Line
70SD201 ITF-70SD201 Datasheet
148Kb / 5P
   SAW Delay-Line
836D252 ITF-836D252 Datasheet
150Kb / 5P
   SAW Delay-Line
160D251 ITF-160D251 Datasheet
149Kb / 5P
   SAW Delay-Line
836D251 ITF-836D251 Datasheet
152Kb / 5P
   SAW Delay-Line
65SD201 ITF-65SD201 Datasheet
147Kb / 5P
   SAW Delay-Line
logo
TriQuint Semiconductor
856649 TRIQUINT-856649_15 Datasheet
418Kb / 5P
   2140 MHz SAW Delay Line
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com