Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6896PAZT+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6896PAZT+
Description  Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6896PAZT+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6896PAZT+ Datasheet HTML 1Page - Maxim Integrated Products MAX6896PAZT+ Datasheet HTML 2Page - Maxim Integrated Products MAX6896PAZT+ Datasheet HTML 3Page - Maxim Integrated Products MAX6896PAZT+ Datasheet HTML 4Page - Maxim Integrated Products MAX6896PAZT+ Datasheet HTML 5Page - Maxim Integrated Products MAX6896PAZT+ Datasheet HTML 6Page - Maxim Integrated Products MAX6896PAZT+ Datasheet HTML 7Page - Maxim Integrated Products MAX6896PAZT+ Datasheet HTML 8Page - Maxim Integrated Products MAX6896PAZT+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Ultra-Small, Adjustable
Sequencing/Supervisory Circuits
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.3V and TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC (V)
5.0
4.5
3.5 4.0
1.0 1.5 2.0 2.5 3.0
0.5
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
1
0
5.5
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
2
4
6
8
10
12
14
16
18
20
0
-40
125
VCC = 5V
VCC = 3V
VCC = 1.5V
IN THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
0.4992
0.4994
0.4996
0.4998
0.5000
0.5002
0.5004
0.5006
0.5008
0.5010
0.4990
-40
125
OUT DELAY
vs. CCDELAY
CCDELAY (nF)
900
800
600 700
200 300 400 500
100
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
0
1000
OUTPUT LOW VOLTAGE
vs. SINK CURRENT
ISINK (mA)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.3
0.6
0.9
1.2
1.5
0
0
6.0
VCC = 5V
VCC = 3V
VCC = 1.5V
OUTPUT HIGH VOLTAGE
vs. SOURCE CURRENT
ISOURCE (mA)
18
16
12 14
4
6
8
10
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
020
VCC = 5V
VCC = 3V
VCC = 1.5V
MAXIMUM TRANSIENT DURATION
vs. INPUT OVERDRIVE
VOVERDRIVE (mV)
90
80
70
60
50
40
30
20
10
100
200
300
400
500
600
0
0100
RESET
OCCURS
ENABLE TURN-ON/OFF (MAX6896P)
MAX6895 toc08
100ns/div
VOUT
2V/div
VENABLE
2V/div
ENABLE TURN-ON/OFF DELAY
(MAX6895A)
MAX6895 toc09
40
ms/div
VOUT
2V/div
VENABLE
2V/div


Similar Part No. - MAX6896PAZT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6896PAZT++ MAXIM-MAX6896PAZT+ Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6896PAZT++ MAXIM-MAX6896PAZT+ Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6896PAZT++ MAXIM-MAX6896PAZT+ Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
More results

Similar Description - MAX6896PAZT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com