Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6896PALT+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6896PALT+T
Description  Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6896PALT+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6896PALT+T Datasheet HTML 2Page - Maxim Integrated Products MAX6896PALT+T Datasheet HTML 3Page - Maxim Integrated Products MAX6896PALT+T Datasheet HTML 4Page - Maxim Integrated Products MAX6896PALT+T Datasheet HTML 5Page - Maxim Integrated Products MAX6896PALT+T Datasheet HTML 6Page - Maxim Integrated Products MAX6896PALT+T Datasheet HTML 7Page - Maxim Integrated Products MAX6896PALT+T Datasheet HTML 8Page - Maxim Integrated Products MAX6896PALT+T Datasheet HTML 9Page - Maxim Integrated Products MAX6896PALT+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Ultra-Small, Adjustable
Sequencing/Supervisory Circuits
6
_______________________________________________________________________________________
Detailed Description
The MAX6895–MAX6899 is a family of ultra-small, low-
power, sequencing/supervisory circuits. These devices
provide adjustable voltage monitoring for inputs down to
0.5V. They are ideal for use in power-supply sequenc-
ing, reset sequencing, and power-switching applica-
tions. Multiple devices can be cascaded for complex
sequencing applications.
Voltage monitoring is performed through a high-imped-
ance input (IN) with an internally fixed 0.5V threshold.
When the voltage at IN falls below 0.5V or when the
enable input is deasserted (ENABLE = low or ENABLE =
high), the output deasserts (OUT goes low or OUT goes
high). When VIN rises above 0.5V and the enable input is
asserted (ENABLE = high or ENABLE = low), the output
asserts (OUT goes high or OUT goes low) after a capaci-
tor-programmable time delay.
With VIN above 0.5V, the enable input can be used to
turn the output on or off. After the enable input is assert-
ed, the output turns on with a capacitor-programmable
delay period (A version) or with a 150ns propagation
delay (P version). Tables 1, 2, and 3 detail the output
state depending on the various input and enable condi-
tions.
Supply Input (VCC)
The device operates with a VCC supply voltage from
1.5V to 5.5V. To maintain a 1.8% accurate threshold,
VCC must be above 1.5V. When VCC falls below the
UVLO threshold, the output deasserts. When VCC falls
below 1.2V the output state cannot be determined. For
noisy systems, connect a 0.1µF ceramic capacitor from
VCC to GND as close to the device as possible. For the
push-pull active-high output option, a 100k
Ω external
pulldown resistor to ground ensures the correct logic
state for VCC down to 0.
MAX6895
MAX6899
LOGIC
1.0V
250nA
0.5V
IN
OUT
CDELAY
GND
ENABLE (MAX6895)
ENABLE (MAX6899)
VCC
IN
ENABLE
OUT
VIN < VTH
Low
Low
VIN < VTH
High
Low
VIN > VTH
Low
Low
OUT = VCC (MAX6895)
VIN > VTH
High
OUT = high impedance
(MAX6897)
Figure 1. MAX6895/MAX6899 Functional Diagram
Table 1. MAX6895/MAX6897 Output
IN
ENABLE
OUT
OUT = VCC (MAX6896)
VIN < VTH
Low
OUT = high impedance
(MAX6898)
OUT = VCC (MAX6896)
VIN < VTH
High
OUT = high impedance
(MAX6898)
VIN > VTH
Low
Low
OUT = VCC (MAX6896)
VIN > VTH
High
OUT = high impedance
(MAX6898)
Table 2. MAX6896/MAX6898 Output
IN
ENABLE
OUT
VIN < VTH
Low
Low
VIN < VTH
High
Low
VIN > VTH
Low
High
VIN > VTH
High
Low
Table 3. MAX6899 Output


Similar Part No. - MAX6896PALT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6896PALT+T MAXIM-MAX6896PALT+T Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6896PALT+T MAXIM-MAX6896PALT+T Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6896PALT+T MAXIM-MAX6896PALT+T Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
More results

Similar Description - MAX6896PALT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com