Part Name
         Description
MAX6896AALT+

 Ultra-Small, Adjustable Sequencing/Supervisory Circuits ( 15 Page)


MAXIM
100% 
Zoom Out Zoom In
 10 page
background image
Ultra-Small, Adjustable
Sequencing/Supervisory Circuits
10
______________________________________________________________________________________
Enable Input (ENABLE or
ENABLE)
The MAX6895/MAX6897 offer an active-high enable
input (ENABLE), while the MAX6896/MAX6898/MAX6899
offer an active-low enable input (ENABLE). With VIN above
VTH, drive ENABLE high (ENABLE low) to force OUT high
(OUT low) after the adjustable delay time (A versions). For
P version devices, when VIN > 0.5V and enable is assert-
ed, the output asserts after typically 150ns.
The enable input has logic-high and logic-low voltage
thresholds of 1.4V and 0.4V, respectively. For both ver-
sions, when VIN > 0.5V, drive ENABLE low (ENABLE
high) to force OUT low (OUT high) within 150ns typ.
Output (OUT or
OUT)
The MAX6895/MAX6899 offer an active-high, push-pull
output (OUT), and the MAX6896 offers an active-low
push-pull output (OUT). The MAX6897 offers an active-
high open-drain output (OUT), and the MAX6898 offers
an active-low open-drain output (OUT).
Push-pull output devices are referenced to VCC. Open-
drain outputs can be pulled up to 28V.
Applications Information
Input Threshold
The MAX6895–MAX6899 monitor the voltage on IN with
an external resistive divider (see R1 and R2 in the
Typical Operating Circuit). Connect R1 and R2 as close
to IN as possible. R1 and R2 can have very high values
to minimize current consumption due to low IN leakage
currents (±15nA max). Set R2 to some conveniently
high value (1M
Ω, for example) and calculate R1 based
on the desired monitored voltage using the following
formula:
where VMONITOR is the desired monitored voltage and
VIN is the detector input threshold (0.5V).
RR
V
V
MONITOR
IN
12
1
Figure 7. MAX6899P Timing Diagram
VCC
VUVLO
tPROPP
tDL
tOFF
tDELAY
t > tPW
tPROPP
IN
ENABLE
OUT



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl