Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2CW035200YQ2 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # 2CW035200YQ2
Description  2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2CW035200YQ2 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  2CW035200YQ2 Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW035200YQ2 Datasheet HTML 2Page - Silan Microelectronics Joint-stock 2CW035200YQ2 Datasheet HTML 3Page - Silan Microelectronics Joint-stock 2CW035200YQ2 Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2CW035XXXYQ
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2006.03.08
Http: www.silan.com.cn
Page 2 of 4
ELECTRICAL CHARACTERISTICS (For packaged diodes, Tamb=25°C)
1
2CW035XXXYQ-2 series(2% tolerance)
Type
*Working Voltage @
Iz=5mA
*Dynamic resistance
Reverse leakage current@
Tamb=25
°C@ VR
Vz(V)
Zzk(
Ω)@
Izk=1mA
Zzt(
Ω)@
Izt=5mA
IR(
µA)
2CW035XXXYQ-2
Vmin-Vmax
max
max
max
VR(V)
2CW035036YQ-2
3.53~3.67
600
85
2
1.0
2CW035039YQ-2
3.82~3.98
600
85
2
1.0
2CW035043YQ-2
4.21~4.39
600
80
1
1.0
2CW035047YQ-2
4.61~4.79
600
70
0.5
1.0
2CW035051YQ-2
5.00~5.20
550
50
0.1
1.0
2CW035056YQ-2
5.49~5.71
450
30
0.1
1.0
2CW035062YQ-2
6.08~6.32
200
10
0.1
2.0
2CW035068YQ-2
6.66~6.94
150
8
0.1
3.0
2CW035075YQ-2
7.35~7.65
50
7
0.1
5.0
2CW035082YQ-2
8.04~8.36
50
7
0.1
6.1
2CW035091YQ-2
8.92~9.28
50
10
0.1
6.8
2CW035100YQ-2
9.80~10.20
70
15
0.1
7.5
2CW035110YQ-2
10.78~11.22
70
20
0.1
8.2
2CW035120YQ-2
11.76~12.24
90
20
0.1
9.0
2CW035130YQ-2
12.74~13.26
110
26
0.1
9.7
2CW035150YQ-2
14.70~15.30
110
30
0.1
11
2CW035160YQ-2
15.68~16.32
170
40
0.1
12
2CW035180YQ-2
17.64~18.36
170
50
0.1
14
2CW035200YQ-2
19.60~20.40
220
55
0.1
15
2CW035220YQ-2
21.56~22.44
220
55
0.1
17
2CW035240YQ-2
23.52~24.48
220
80
0.1
18
2CW035270YQ-2
26.46~27.54
220
80
0.1
20
2CW035300YQ-2
29.40~30.60
220
80
0.1
22
2CW035330YQ-2
32.34~33.66
220
80
0.1
24
2CW035360YQ-2
35.28~36.72
220
80
0.1
27
2CW035390YQ-2
38.22~39.78
500
90
0.1
29
2CW035430YQ-2
42.14~43.86
600
90
0.1
32
2CW035470YQ-2
46.06~47.94
700
110
0.1
35
2CW035510YQ-2
49.98~52.02
700
125
0.1
38
2CW035560YQ-2
54.88~57.12
1000
135
0.1
42
2CW035620YQ-2
60.76~63.24
1000
150
0.1
46.5
2CW035680YQ-2
66.64~69.36
1000
200
0.1
51
2CW035750YQ-2
73.5~76.5
1500
250
0.1
56


Similar Part No. - 2CW035200YQ2

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW035200YQPA SILAN-2CW035200YQPA Datasheet
44Kb / 4P
   2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW035200YQPB SILAN-2CW035200YQPB Datasheet
44Kb / 4P
   2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW035200YQPC SILAN-2CW035200YQPC Datasheet
44Kb / 4P
   2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
More results

Similar Description - 2CW035200YQ2

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032036YQ-2 SILAN-2CW032036YQ-2 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035036YQPA SILAN-2CW035036YQPA Datasheet
44Kb / 4P
   2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW032036YQ-PA SILAN-2CW032036YQ-PA Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
logo
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
   ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
   ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
   ZENER DIODE CHIPS
CD4614 CDI-DIODE-CD4614 Datasheet
112Kb / 2P
   ZENER DIODE CHIPS
CD5518B CDI-DIODE-CD5518B Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com