Part Name
         Description
2CW032068YQ-5

 2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL ( 7 Page)


SILAN
100% 
Zoom Out Zoom In
   
 1 page
background image
2CW032XXXYQ
2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
DESCRIPTION
2CW032XXXYQ series are low-power zener diode chips for
glass seal that fabricated in silicon epitaxial planar
technology.
The series can provide three precision voltage chips for
different regulator voltage.
The chip thickness is 140
μm. The top electrode material is
Ag bump, and the back-side electrode material is Ag.
Chip size: 0.32 X 0.32 (mm)2.
2CW032XXXYQ CHIP TOPOGRAPHY
2CW032XXXYQ APPEARANCE
Parameter
Symbol
Min.
Type
Max.
Unit
Chip Size
D
290
--
310
μm
Chip Thickness
C
120
--
160
μm
Bump Size
A
196
--
240
μm
Bump Height
B
25
--
55
μm
Scribe Line Width
/
--
40
--
μm
Ordering Specification
Series
Specification
2CW032XXXYQ-2
2% tolerance
2CW032XXXYQ-5
5% tolerance
2CW032XXXYQ
Normal, Approximately 5% tolerance
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Test conditions
Value
Unit
Junction Temperature
Tj
----
175
°C
Storage Temperature
Tstg
----
-50~+175
°C
Chip Appearance Diagram
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.02.27
Http: www.silan.com.cn
Page 1 of 7



Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl