Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2CW035043YQPC Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # 2CW035043YQPC
Description  2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2CW035043YQPC Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  2CW035043YQPC Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW035043YQPC Datasheet HTML 2Page - Silan Microelectronics Joint-stock 2CW035043YQPC Datasheet HTML 3Page - Silan Microelectronics Joint-stock 2CW035043YQPC Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2CW035XXXYQ-PX
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2006.03.08
Http: www.silan.com.cn
Page 4 of 4
(Continued)
Type
Working Voltage
VZ@Iz=5mA
Dynamic resistance
Reverse leakage
current @Tamb=25@ VR
Zzk(
Ω)@
Izk=1mA
Zzt(
Ω)@
Izt=5mA
IR(uA)
2CW035XXXYQ-PX
VZmin-Vzmax(V)
max
max
max
VR(V)
2CW035270YQ-PA
24.26~25.52
2CW035270YQ-PB
24.97~26.26
2CW035270YQ-PC
25.63~26.95
2CW035270YQ-PD
26.29~27.64
45
250
0.2
21
2CW035300YQ-PA
26.99~28.39
2CW035300YQ-PB
27.7~29.13
2CW035300YQ-PC
28.36~29.82
2CW035300YQ-PD
29.02~30.51
55
250
0.2
23
2CW035330YQ-PA
29.68~31.22
2CW035330YQ-PB
30.32~31.88
2CW035330YQ-PC
30.9~32.5
2CW035330YQ-PD
31.49~33.11
65
250
0.2
25
2CW035360YQ-PA
32.14~33.79
2CW035360YQ-PB
32.79~34.49
2CW035360YQ-PC
33.4~35.13
2CW035360YQ-PD
34.01~35.77
75
250
0.2
27
Forward Voltage VF= 1.0 V Maximum @ IF = 100 mA for all 2CW035XXXYQ-PX series.


Similar Part No. - 2CW035043YQPC

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW035043YQ SILAN-2CW035043YQ Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035043YQ2 SILAN-2CW035043YQ2 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035043YQ5 SILAN-2CW035043YQ5 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
More results

Similar Description - 2CW035043YQPC

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032036YQ-PA SILAN-2CW032036YQ-PA Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW032020JL-R SILAN-2CW032020JL-R Datasheet
96Kb / 2P
   2CW032XXXJL-R SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
2CW035020JLR SILAN-2CW035020JLR Datasheet
30Kb / 2P
   2CW035XXXJLR SERIES ZNER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
2CW032036YQ-2 SILAN-2CW032036YQ-2 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035036YQ2 SILAN-2CW035036YQ2 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
logo
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
   ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
   ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
   ZENER DIODE CHIPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com