Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2CW032030YQ-5 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # 2CW032030YQ-5
Description  2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2CW032030YQ-5 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

  2CW032030YQ-5 Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW032030YQ-5 Datasheet HTML 2Page - Silan Microelectronics Joint-stock 2CW032030YQ-5 Datasheet HTML 3Page - Silan Microelectronics Joint-stock 2CW032030YQ-5 Datasheet HTML 4Page - Silan Microelectronics Joint-stock 2CW032030YQ-5 Datasheet HTML 5Page - Silan Microelectronics Joint-stock 2CW032030YQ-5 Datasheet HTML 6Page - Silan Microelectronics Joint-stock 2CW032030YQ-5 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2CW032XXXYQ
3.2CW032XXXYQ series (normal )
Type
*Working
Voltage@
IZ=5mA
*Dynamic resistance
Reverse leakage
current@
Tamb=25
°C@ VR
Vz(V)
Zzk(
Ω)@
Izk=1mA
Zzt(
Ω)@
Izt=5mA
IR(
μA)
2CW032XXXYQ
Vmin-Vmax
max
max
max
VR(V)
2CW032020YQ
1.80-2.15
600
85
100
1.0
2CW032022YQ
2.08-2.33
600
85
75
1.0
2CW032024YQ
2.28-2.56
600
85
50
1.0
2CW032027YQ
2.5-2.9
600
85
10
1.0
2CW032030YQ
2.8-3.2
600
85
4
1.0
2CW032033YQ
3.1-3.5
600
85
2
1.0
2CW032036YQ
3.4-3.8
600
85
2
1.0
2CW032039YQ
3.7-4.1
600
85
2
1.0
2CW032043YQ
4.0-4.6
600
80
1
1.0
2CW032047YQ
4.4-5.0
600
70
0.5
1.0
2CW032051YQ
4.8-5.4
550
50
0.1
1.0
2CW032056YQ
5.2-6.0
450
30
0.1
1.0
2CW032062YQ
5.8-6.6
200
10
0.1
2.0
2CW032068YQ
6.4-7.2
150
8
0.1
3.0
2CW032075YQ
7.0-7.9
50
7
0.1
5.0
2CW032082YQ
7.7-8.7
50
7
0.1
6.1
2CW032091YQ
8.5-9.6
50
10
0.1
6.8
2CW032100YQ
9.4-10.6
70
15
0.1
7.5
2CW032110YQ
10.4-11.6
70
20
0.1
8.2
2CW032120YQ
11.4-12.7
90
20
0.1
9.0
2CW032130YQ
12.4-14.1
110
26
0.1
9.7
2CW032150YQ
13.8-15.6
110
30
0.1
11
2CW032160YQ
15.3-17.1
170
40
0.1
12
2CW032180YQ
16.8-19.1
170
50
0.1
14
2CW032200YQ
18.8-21.2
220
55
0.1
15
2CW032220YQ
20.8-23.3
220
55
0.1
17
2CW032240YQ
22.8-25.6
220
80
0.1
18
2CW032270YQ
25.1-28.9
220
80
0.1
20
2CW032300YQ
28.0-32.0
220
80
0.1
22
2CW032330YQ
31.0-35.0
220
80
0.1
24
2CW032360YQ
34.0-38.0
220
80
0.1
27
2CW032390YQ
37.0~41.0
500
90
0.1
29
2CW032430YQ
40.0~46.0
600
90
0.1
32
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.02.27
Http: www.silan.com.cn
Page 6 of 7


Similar Part No. - 2CW032030YQ-5

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032030JL SILAN-2CW032030JL Datasheet
107Kb / 3P
   2CW032XXXJL SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE
2CW032030JL-R SILAN-2CW032030JL-R Datasheet
96Kb / 2P
   2CW032XXXJL-R SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
More results

Similar Description - 2CW032030YQ-5

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032036YQ-PA SILAN-2CW032036YQ-PA Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW035036YQ2 SILAN-2CW035036YQ2 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035036YQPA SILAN-2CW035036YQPA Datasheet
44Kb / 4P
   2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
logo
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
   ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
   ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
   ZENER DIODE CHIPS
CD4614 CDI-DIODE-CD4614 Datasheet
112Kb / 2P
   ZENER DIODE CHIPS
CD5518B CDI-DIODE-CD5518B Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com