Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2CW032620JL Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # 2CW032620JL
Description  2CW032XXXJL SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2CW032620JL Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  2CW032620JL Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW032620JL Datasheet HTML 2Page - Silan Microelectronics Joint-stock 2CW032620JL Datasheet HTML 3Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2CW032XXXJL
2CW032470JL
46.06~47.94
44.65~49.35
700
110
0.1
35
2CW032510JL
49.98~52.02
48.45~53.55
700
125
0.1
38
2CW032560JL
54.88~57.12
53.2~58.8
1000
135
0.1
42
2CW032620JL
60.76~63.24
58.9~65.1
1000
150
0.1
46.5
2CW032680JL
66.64~69.36
64.6~71.4
1000
200
0.1
51
2CW032750JL
73.5~76.5
71.25~78.75
1500
250
0.1
56
Forward Voltage VF= 1.0 V Maximum @ IF = 100 mA for all 2CW032XXXJL series.
*Note: from 39V up to 75V Vz@Iz=2.5mA, Zzt@Iz=2.5mA,Zzk@Iz=0.5mA.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.05.05
Http: www.silan.com.cn
Page 3 of 3


Similar Part No. - 2CW032620JL

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032620YQ SILAN-2CW032620YQ Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW032620YQ-2 SILAN-2CW032620YQ-2 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW032620YQ-5 SILAN-2CW032620YQ-5 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
More results

Similar Description - 2CW032620JL

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032020JL-R SILAN-2CW032020JL-R Datasheet
96Kb / 2P
   2CW032XXXJL-R SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
2CW035020JL SILAN-2CW035020JL Datasheet
34Kb / 2P
   2CW035XXXJL SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE
logo
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
   ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
   ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
   ZENER DIODE CHIPS
CD4614 CDI-DIODE-CD4614 Datasheet
112Kb / 2P
   ZENER DIODE CHIPS
CD5518B CDI-DIODE-CD5518B Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD4099 CDI-DIODE-CD4099 Datasheet
113Kb / 2P
   ZENER DIODE CHIPS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com